Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SN74AXC8T245_1808 Datasheet(Fiches technique) 17 Page - Texas Instruments

Numéro de pièce SN74AXC8T245_1808
Description  8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
Télécharger  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 17 page
background image
17
SN74AXC8T245
www.ti.com
SCES875B – MARCH 2018 – REVISED AUGUST 2018
Product Folder Links: SN74AXC8T245
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Operating Characteristics: TA = 25°C (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CpdB
Power dissipation
capacitance per transceiver
(A to B: outputs enabled)
CL = 0, RL = Open
f = 1 MHz, tr = tf = 1 ns
VCCA = VCCB = 0.7 V
9.3
pF
VCCA = VCCB = 0.8 V
11.7
VCCA = VCCB = 0.9 V
11.8
VCCA = VCCB = 1.2 V
11.9
VCCA = VCCB = 1.5 V
12.2
VCCA = VCCB = 1.8 V
12.9
VCCA = VCCB = 2.5 V
16.3
VCCA = VCCB = 3.3 V
18
CpdB
Power dissipation
capacitance per transceiver
(A to B: outputs disabled)
CL = 0, RL = Open
f = 1 MHz, tr = tf = 1 ns
VCCA = VCCB = 0.7 V
2.6
VCCA = VCCB = 0.8 V
11.7
pF
VCCA = VCCB = 0.9 V
11.8
VCCA = VCCB = 1.2 V
11.9
VCCA = VCCB = 1.5 V
12.2
VCCA = VCCB = 1.8 V
12.9
VCCA = VCCB = 2.5 V
16.3
VCCA = VCCB = 3.3 V
3.9
CpdB
Power dissipation
capacitance per transceiver
(B to A: outputs enabled)
CL = 0, RL = Open
f = 1 MHz, tr = tf = 1 ns
VCCA = VCCB = 0.7 V
1.2
pF
VCCA = VCCB = 0.8 V
1.8
VCCA = VCCB = 0.9 V
1.8
VCCA = VCCB = 1.2 V
1.7
VCCA = VCCB = 1.5 V
1.7
VCCA = VCCB = 1.8 V
1.7
VCCA = VCCB = 2.5 V
2
VCCA = VCCB = 3.3 V
2.5
CpdB
Power dissipation
capacitance per transceiver
(B to A: outputs disabled)
CL = 0, RL = Open
f = 1 MHz, tr = tf = 1 ns
VCCA = VCCB = 0.7 V
1.1
VCCA = VCCB = 0.8 V
1.8
pF
VCCA = VCCB = 0.9 V
1.8
VCCA = VCCB = 1.2 V
1.7
VCCA = VCCB = 1.5 V
1.7
VCCA = VCCB = 1.8 V
1.7
VCCA = VCCB = 2.5 V
2
VCCA = VCCB = 3.3 V
2.1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl