Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NECW008AT Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce NECW008AT
Description  NICHIA CHIP TYPE WHITE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

NECW008AT Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  NECW008AT Datasheet HTML 1Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 2Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 3Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 4Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 5Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 6Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 7Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 8Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
-1-
Nichia
STSE-CC3026B
<Cat.No.030822>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
25
mA
Pulse Forward Current
IFP
80
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
100
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
Reflow Soldering :
260°C
for 10sec.
Hand Soldering
:
350°C
for 3sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=15[mA]
-
3.6
4.0
V
Reverse Current
IR
VR= 5[V]
-
-
50
µA
Rank T
Iv
IF=15[mA]
560
680
800
mcd
Rank S
Iv
IF=15[mA]
400
480
560
mcd
Luminous Intensity
Rank R
Iv
IF=15[mA]
280
340
400
mcd
! Luminous Intensity Measurement allowance is ± 10%.
Color Ranks
(IF=15mA,Ta=25°C)
Rank a3
x
0.280
0.264
0.287
0.296
y
0.248
0.267
0.295
0.276
Rank b5
Rank b6
x
0.296
0.287
0.307
0.311
x
0.311
0.307
0.330
0.330
y
0.276
0.295
0.315
0.294
y
0.294
0.315
0.339
0.318
Rank b7
Rank b8
x
0.291
0.279
0.302
0.308
x
0.308
0.302
0.319
0.321
y
0.257
0.276
0.302
0.279
y
0.279
0.302
0.318
0.294
! Color Coordinates Measurement allowance is ± 0.01.
! One delivery will include one set of the above color ranks (a3 or b5 and b6 or b7 and b8) and three luminous
intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
<
=
<
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
NFSW036BT SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSSW020AT SPECIFICATION FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSSM016AT NICHIA CHIP TYPE FULL COLOR LED 1  2  3  4  5  More List of Unclassifed Manufacturers
LT1550W Full Color Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components
LT1W92A 3030 Size 1.1mm Thickness MID* Type Full Color Leadless Chip LED Device 1  Sharp Electrionic Components
TB62734FMG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
LT1560ED Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components
TB62750FTG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
NSPW515B SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
LT1560W Full Color Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn