Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M61518FP Datasheet(Fiches technique) 6 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M61518FP
Description  AUDIO SIGNAL PROCESSOR WITH REC/PLAY BACK AMPLIFIER
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M61518FP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
AUDIO SIGNAL PROCESSOR WITH REC/PLAY BACK AMPLIFIER
M61518FP
MITSUBISHI ICs (SOUND PROCESSOR)
MITSUBISHI
ELECTRIC
(1) Data input address
*note1:The interval of data transmission from the micro controller is over 0.1sec.
This is waiting time for soft-switching to reduce the shock noise.
*note2:Input only the control data at slot0 (slot1).
D140 D130 D120 D110 D100 D90 D80 D70 D60 D50 D40 D30 D20 D10 D00
D141 D131 D121 D111 D101 D91 D81 D71 D61 D51 D41 D31 D21 D11 D01
slot0
slot1
0
1
0
REC
Mute
Tone control
Treble
Tone control
Mid
Tone control
Bass
Selector
Karaoke
Input volume
Output volume
(MSB)
←Input direction
D40
D30
D20
D10
D110 D100
+18dB
0
0
0
0
Stereo
0
0
Initial setting
+16dB
0
0
0
1
Mono1
0
1
+14dB
0
0
1
0
Mono2
1
0
+12dB
0
0
1
1
Mono1+2
1
1
+10dB
0
1
0
0
+8dB
0
1
0
1
+6dB
0
1
1
0
+4dB
0
1
1
1
+2dB
1
0
0
0
D90
D80
D70
D60
D50
0dB
0
0
0
0
0
-2dB
0
0
0
0
1
-4dB
0
0
0
1
0
-6dB
0
0
0
1
1
REC MUTE D21
-8dB
0
0
1
0
0
OFF
0
-10dB
0
0
1
0
1
ON
1
-12dB
0
0
1
1
0
-14dB
0
0
1
1
1
-16dB
0
1
0
0
0
-18dB
0
1
0
0
1
Bass
D141 D131 D121 D111
-20dB
0
1
0
1
0
Mid
D101
D91
D81
D71
-22dB
0
1
0
1
1
Treble
D61
D51
D41
D31
-26dB
0
1
1
0
0
-30dB
0
1
1
0
1
+10dB
0
1
0
1
-34dB
0
1
1
1
0
+8dB
0
1
0
0
-38dB
0
1
1
1
1
+6dB
0
0
1
1
-42dB
1
0
0
0
0
+4dB
0
0
1
0
-46dB
1
0
0
0
1
+2dB
0
0
0
1
-50dB
1
0
0
1
0
0dB
0
0
0
0
-54dB
1
0
0
1
1
-2dB
1
0
0
1
-58dB
1
0
1
0
0
-4dB
1
0
1
0
-62dB
1
0
1
0
1
-6dB
1
0
1
1
-66dB
1
0
1
1
0
-8dB
1
1
0
0
-70dB
1
0
1
1
1
-10dB
1
1
0
1
-
∞dB
1
1
1
1
1
Input volume control
Output volume control
Karaoke control
Selector control
Tone control
REC mete control
Note:Do not input other date than the above.
Note:Do not input other date than the above.
Note:Do not input other date than the above.
Note:Do not input other date than the above.
Selector
D140 D130 D120
TP
0
0
0
IN A
0
0
1
IN C
0
1
0
IN B
0
1
1
IN mute
1
1
1
Supply OFF
1
1
0
DATA CONTROL SPECIFICATION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn