Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M61518FP Datasheet(Fiches technique) 4 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M61518FP
Description  AUDIO SIGNAL PROCESSOR WITH REC/PLAY BACK AMPLIFIER
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M61518FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
AUDIO SIGNAL PROCESSOR WITH REC/PLAY BACK AMPLIFIER
M61518FP
MITSUBISHI ICs (SOUND PROCESSOR)
MITSUBISHI
ELECTRIC
Symbol
Pd
Topr
Tstg
-20 to +75
-40 to +125
V
mW
Parameter
Condition
Ratings
Unit
Power dissipation
Operating temperature
Storage temperature
mW/ºC
Thermal derating
Ta
≤25ºC
Ta>25ºC
(*1)
Circuit board
+10.5
Plus and minus power supply difference
VDD-VEE
K
1080
10.8
(Ta=25ºC unless otherwise noted )
Parameter
MIN
TYP
MAX
Unit
VDD
4.5
4.75
4.25
V
V
Range
VEE
-4.5
-4.75
-4.25
Positive supply voltage
Negative supply voltage
THERMAL DERATINGS
(MAXIMUM RATING)
AMBIENT TEMPARATURE Ta [ºC]
0
500
1000
1500
0
25
50
75
100
125
150
1080mW
540mW
(*1)
Circuit board
Print circuit board size
70mm X70mm
Print circuit board thickness
1.6mm
Print circuit board quality of the material
Glass epoxy
Single Cu pattern
Thickness of Cu
18µm
pattern size of Cu
0.25mm(Width)
×25mm(Length)/Lead
Symbol
Condition
ABSOLUTE MAXIMUM RATINGS
ºC
ºC
RECOMMENDED OPERATING CONDITIONS


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn