Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HRF302A Fiches technique(PDF) 4 Page - Hitachi Semiconductor

No de pièce HRF302A
Description  Silicon Schottky Barrier Diode for Rectifying
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HRF302A Fiches technique(HTML) 4 Page - Hitachi Semiconductor

  HRF302A Datasheet HTML 1Page - Hitachi Semiconductor HRF302A Datasheet HTML 2Page - Hitachi Semiconductor HRF302A Datasheet HTML 3Page - Hitachi Semiconductor HRF302A Datasheet HTML 4Page - Hitachi Semiconductor HRF302A Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HRF302A
4
Main Characteristic
75
100
25
50
0
125
3.5
3.0
2.5
2.0
0
2.5
2.0
1.5
1.0
0.5
3.0
2.5
2.0
1.5
0
1.0
1.5
1.0
0.5
20
15
10
5
0
0
DC
Sin
D=1/2
D=1/3
D=1/6
t
T
0A
D=
T
t
Sin
t
T
0V
D=
T
t
D=1/6
DC
0.5
0
Tj =25°C
Tj =125°C
2.0
D=1/2
D=2/3
D=5/6
1.5
1.0
D=1/2
Sin
0
75
100
25
50
0
125
-25
VR=VRRM/2
Tj =125°C
D=1/3
0.5
DC
3.0
2.5
2.0
1.5
1.0
0.5
3.5
D=1/6
D=1/3
D=1/2
Sin
VR=VRRM/2
Tj =125°C
Glass epoxy PCB
Case temperature Tc (°C)
Fig.6 Average forward current Vs. Case temperature
Ambient temperature Ta (°C)
Fig.7 Average forward current Vs. Ambient temperature
Forward current I F (A)
Fig.5 Reverse power dissipation Vs. Reverse voltage
Fig.4 Forward p ower dissipation Vs. Forward current
Reverse voltage V
R
(V)


Numéro de pièce similaire - HRF302A

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HRF32 HITACHI-HRF32 Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Fairchild Semiconductor
HRF3205 FAIRCHILD-HRF3205 Datasheet
191Kb / 9P
   100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
logo
Intersil Corporation
HRF3205 INTERSIL-HRF3205 Datasheet
82Kb / 8P
   100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
logo
Inchange Semiconductor ...
HRF3205 ISC-HRF3205 Datasheet
246Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
HRF3205S FAIRCHILD-HRF3205S Datasheet
191Kb / 9P
   100A, 55V, 0.008 Ohm, N-Channel, Power MOSFETs
More results

Description similaire - HRF302A

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HRC0103A HITACHI-HRC0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRC0203B HITACHI-HRC0203B Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF32 HITACHI-HRF32 Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF502A HITACHI-HRF502A Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103A HITACHI-HRU0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0202B HITACHI-HRW0202B Datasheet
33Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0502A HITACHI-HRW0502A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Renesas Technology Corp
HRV103A RENESAS-HRV103A_08 Datasheet
88Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
RKR0503AKJ RENESAS-RKR0503AKJ Datasheet
210Kb / 8P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103C RENESAS-HRU0103C_08 Datasheet
84Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Hitachi Semiconductor
HRW0503A HITACHI-HRW0503A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com