Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25L256-S Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce FM25L256-S
Description  256Kb FRAM Serial 3V Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

FM25L256-S Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FM25L256-S Datasheet HTML 5Page - List of Unclassifed Manufacturers FM25L256-S Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25L256-S Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25L256-S Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25L256-S Datasheet HTML 9Page - List of Unclassifed Manufacturers FM25L256-S Datasheet HTML 10Page - List of Unclassifed Manufacturers FM25L256-S Datasheet HTML 11Page - List of Unclassifed Manufacturers FM25L256-S Datasheet HTML 12Page - List of Unclassifed Manufacturers FM25L256-S Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
FM25L256
Rev. 2.0
Apr. 2005
Page 9 of 14
Electrical Specifications
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +5.0V
VIN
Voltage on any pin with respect to VSS
-1.0V to +5.0V
and VIN < VDD+1.0V
TSTG
Storage Temperature
-55
°C to + 125°C
TLEAD
Lead Temperature (Soldering, 10 seconds)
300
° C
VESD
Electrostatic Discharge Voltage
- Human Body Model (JEDEC Std JESD22-A114-B)
- Charged Device Model (JEDEC Std JESD22-C101-A)
- Machine Model (JEDEC Std JESD22-A115-A)
3kV
1kV
100V
Package Moisture Sensitivity Level
MSL-1
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress
rating only, and the functional operation of the device at these or any other conditions above those listed in the operational
section of this specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may
affect device reliability.
DC Operating Conditions (TA = -40°C to + 85°C, VDD = 2.7V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply Voltage
2.7
-
3.6
V
IDD
Power Supply Current
@
SCK = 1.0 MHz
@
SCK = 5.0 MHz
@
SCK = 25.0 MHz
-
-
-
0.25
1.2
6.0
mA
1
ISB
Standby Current
@
TA = 25°C
@
TA = 55°C
@
TA = 70°C
@
TA = 85°C
-
-
-
-
1
2
5
10
µA
µA
µA
µA
2
ILI
Input Leakage Current
-
±1
µA
3
ILO
Output Leakage Current
-
±1
µA
3
VIH
Input High Voltage
0.7 VDD
VDD + 0.5
V
VIL
Input Low Voltage
-0.3
0.3 VDD
V
VOH
Output High Voltage
@
IOH = -2 mA
VDD – 0.8
-
V
VOL
Output Low Voltage
@
IOL = 2 mA
-
0.4
V
VHYS
Input Hysteresis
0.05 VDD
-
V
4
Notes
1.
SCK toggling between VDD-0.3V and VSS, other inputs VSS or VDD-0.3V.
2.
SCK = SI = /CS=VDD. All inputs VSS or VDD.
3.
VSS ≤ VIN ≤ VDD and VSS ≤ VOUT ≤ VDD.
4.
This parameter is characterized but not 100% tested.


Numéro de pièce similaire - FM25L256-S

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25L256-S RAMTRON-FM25L256-S Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
More results

Description similaire - FM25L256-S

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM25L256B RAMTRON-FM25L256B Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory
FM25L256 RAMTRON-FM25L256 Datasheet
148Kb / 14P
   256Kb FRAM Serial 3V Memory - Extended Temp
FM24C256 RAMTRON-FM24C256_05 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
FM25256 ETC-FM25256 Datasheet
120Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
Ramtron International C...
FM25256B RAMTRON-FM25256B Datasheet
134Kb / 13P
   256Kb FRAM Serial 5V Memory
logo
List of Unclassifed Man...
FM25W256 ETC1-FM25W256 Datasheet
142Kb / 13P
   256Kb FRAM Wide Voltage Serial Memory
logo
Ramtron International C...
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
   512Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
   16Kb FRAM Serial 3V Memory
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
   64Kb FRAM Serial 3V Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com