Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DL-3107-165 Datasheet(Fiches technique) 2 Page - Sanyo Semicon Device

Numéro de pièce DL-3107-165
Description  RED LASER DIODE
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DL-3107-165 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  DL-3107-165 Datenblatt HTML 1Page - Sanyo Semicon Device DL-3107-165 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Output power vs. Forward current
Forward current IF (mA)
Characteristics
Threshold current vs. Temperature
Temperature Tc (C)
650
Lasing wavelength vs. Output power
Lasing wavelength Wp (nm)
0
5
0
Monitoring current vs. Output power
Output power Po (mW)
1
3
2
4
0.5
0.4
0.3
0.2
0.1
Po=5mW
Po=3mW
Po=1mW
Tc=25C
652
654
656
658
660
This is typical data and it may not represent all products.
Beam divergence
Angle Q ( )
665
0
10
20
30
40
Lasing wavelength vs. Temperature
Temperature Tc (C)
660
650
645
Tc=25C
Vr(PD)=5V
50
60
Po=5mW
655
70
0
0
20
4
3
2
1
40
60
80
70C
25C
5
6
60C
100
10
100
0
10
20
30
40
50
80
60
40
20
60
70
0
0.2
0.4
0.6
0.8
1.0
-40 -30 -20 -10
0
10
20
30
40
Po=5mW
Tc=25C
Qv
Qh
DL-3107-165


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
DL-LS1018RED LASER DIODE 1 2 Sanyo Semicon Device
SLD1231VLHigh Power Red Laser Diode 1 2 3 4 5 Sony Corporation
RLD65PZB5DVD-Record High power red laser diode 1 2 3 Rohm
DL-LS1034RED LASER DIODE 1 2 Sanyo Semicon Device
GH06510B2ARED LASER DIODE FOR DVD ROM DRIVE 1 2 3 Sharp Electrionic Components
RLD65NZT1Barcode printer red laser diode 1 2 3 Rohm
DL-LS1035RED LASER DIODE 1 2 Sanyo Semicon Device
LT050PSRed Laser Diode 1 Sharp Electrionic Components
SLD1132VS635nm Red Laser Diode 1 2 3 4 5 MoreSony Corporation
SLD1133VL-53650nm Index-Guided Red Laser Diode 1 2 3 4 5 MoreSony Corporation

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn