Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DL-3107-165 Datasheet(Fiches technique) 1 Page - Sanyo Semicon Device

Numéro de pièce DL-3107-165
Description  RED LASER DIODE
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DL-3107-165 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DL-3107-165 Datasheet HTML 1Page - Sanyo Semicon Device DL-3107-165 Datenblatt HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DL-3107-165
RED LASER DIODE
・Short wavelength : 650 nm (Typ.)
・Low threshold current : Ith = 25mA (Typ.)
・High operating temperature : 5 mW at 70°C
・Frame type
Absolute Maximum Ratings
Electrical and Optical Characteristics
1) 2)
Tottori SANYO Electric Co., Ltd.
Electronic Device Business Headquarters
   
LED Division
5-318, Tachikawa, Tottori 680-8634 Japan
  TEL : +81-857-21-2137 FAX : +81-857-21-2161
Note : The above product specification are subject to change without notice.
Ver.1 Apr. 2001
1) Initial values
2) All the above values are evaluated with Tottori Sanyo's measuring apparatus
3) Full angle at half
maximum
(Tc=25°C)
(Tc=25°C)
Package
olerance : ± 0.2
(Unit : mm)
Applications
・DVD-AV,DVD-ROM
3.62
1.6
3
2
1
2.8
0.8
4.2
4.0
4.6
2.4
0.6
1.0
3.2
3-0.6
0.9
2-0.6
Pin Connection
3
1
PD
LD
2
Features
Parameter
Light Output
Reverse
Voltage
2
30
Symbol
Ratings
Unit
VR
V
mW
Operating Temperature
Storage Temperature
-10 ~ +70
-40 ~ +85
Topr
Tstg
°C
°C
Laser
PD
CW
Po
7
Parameter
Threshold Current
Operating Current
Lasing Wavelength
Symbol
Ith
Iop
Wp
Condition
Po=5mW
Po=5mW
Min.
Typ.
20
30
655
Max.
40
50
665
Unit
mA
mA
nm
Beam
Divergence
Perpendicular
Parallel
Differential Efficiency
Monitoring Output Current
Off Axis
Angle
Qv
Qh
dQv
dQh
dPo/dIop
Im
Po=5mW
Po=5mW
Po=5mW
25
7.0
-
-
30
8.0
-
0.5
0.1
35
10
± 3
± 2
°
°
°
°
mW/mA
mA
3)
Astigmatism
As
Po=5mW
8
µm
-
-
-
-
-
-
CW
0.3
Operating Voltage
Vop
Po=5mW
2.3
2.6
V
0.05
Perpendicular
Parallel
-
-
-
650
0.3
0.8


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
DL-LS1018RED LASER DIODE 1 2 Sanyo Semicon Device
SLD1231VLHigh Power Red Laser Diode 1 2 3 4 5 Sony Corporation
RLD65PZB5DVD-Record High power red laser diode 1 2 3 Rohm
DL-LS1034RED LASER DIODE 1 2 Sanyo Semicon Device
GH06510B2ARED LASER DIODE FOR DVD ROM DRIVE 1 2 3 Sharp Electrionic Components
RLD65NZT1Barcode printer red laser diode 1 2 3 Rohm
DL-LS1035RED LASER DIODE 1 2 Sanyo Semicon Device
LT050PSRed Laser Diode 1 Sharp Electrionic Components
SLD1132VS635nm Red Laser Diode 1 2 3 4 5 MoreSony Corporation
SLD1133VL-53650nm Index-Guided Red Laser Diode 1 2 3 4 5 MoreSony Corporation

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn