Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SK3556 Fiches technique(PDF) 4 Page - Fuji Electric

No de pièce 2SK3556
Description  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3556 Fiches technique(HTML) 4 Page - Fuji Electric

  2SK3556 Datasheet HTML 1Page - Fuji Electric 2SK3556 Datasheet HTML 2Page - Fuji Electric 2SK3556 Datasheet HTML 3Page - Fuji Electric 2SK3556 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
2SK3556-01L,S,SJ
FUJI POWER MOSFET
PRE-SOLDER
See Note: 1.
Trademark
Lot No.
Type name
Note: 1. Guaranteed mark of avalanche ruggedness.
CONNECTION
GATE
DRAIN
SOURCE
DIMENSIONS ARE IN MILLIMETERS.
FUJI POWER MOS FET
12
3
1
2
3
Outline Drawings (mm)
Type(L)
GATE
DRAIN
SOURCE
See Note: 1.
Trademark
Lot No.
DIMENSIONS ARE IN MILLIMETERS.
Type name
FUJI POWER MOS FET
CONNECTION
Notes
1. ( ) : Reference dimensions.
Note: 1. Guaranteed mark of
avalanche ruggedness.
2. The metal part is covered with
the solder plating, part of cutting
is without the solder plating.
Pre-Solder
Fig. 1.
Fig. 1.
OUT VIEW
Solder Plating
4
1
2
4
3
Type(S)
GATE
DRAIN
SOURCE
See Note: 1.
Trademark
Lot No.
Type name
FUJI POWER MOS FET
CONNECTION
Notes
1. ( ) : Reference dimensions.
Note: 1. Guaranteed mark of
avalanche ruggedness.
2. The metal part is covered with
the solder plating, part of cutting
is without the solder plating.
OUT VIEW
Fig. 1.
Fig. 1.
Solder Plating
Pre-Solder
DIMENSIONS ARE IN MILLIMETERS.
2
4
1
3
Type(SJ)
IAV=f(tAV):starting Tch=25°C. Vcc=48V
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-2
10
-1
10
0
10
1
10
2
Single Pulse
Maximum Avalanche Current Pulsewidth
t
AV
[sec]
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
-3
10
-2
10
-1
10
0
10
1
Transient Thermal Impedance
Zth(ch-c)=f(t):D=0
t [sec]


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2SK3779-01R N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK3932-01MR N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK1007-01 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK957-MR N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK3579-01MR N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK3318 Silicon N-channel power MOSFET 1  2  3  Panasonic Semiconductor
2SK3780-01 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK1008-01 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK1946-01MR N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK960-MR N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn