Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS76825QPWP Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS76825QPWP
Description  FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS76825QPWP Fiches technique(HTML) 1 Page - Texas Instruments

  TPS76825QPWP Datasheet HTML 1Page - Texas Instruments TPS76825QPWP Datasheet HTML 2Page - Texas Instruments TPS76825QPWP Datasheet HTML 3Page - Texas Instruments TPS76825QPWP Datasheet HTML 4Page - Texas Instruments TPS76825QPWP Datasheet HTML 5Page - Texas Instruments TPS76825QPWP Datasheet HTML 6Page - Texas Instruments TPS76825QPWP Datasheet HTML 7Page - Texas Instruments TPS76825QPWP Datasheet HTML 8Page - Texas Instruments TPS76825QPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
DESCRIPTION
NC − No internal connection
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND/HSINK
GND/HSINK
GND
NC
EN
IN
IN
NC
GND/HSINK
GND/HSINK
GND/HSINK
GND/HSINK
NC
NC
PG
FB/NC
OUT
OUT
GND/HSINK
GND/HSINK
PWP PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
GND
EN
IN
IN
PG
FB/NC
OUT
OUT
D PACKAGE
(TOP VIEW)
TA - Free-Air Temperature - °C
-40
0
20
120
103
-60
40
60
80 100
TPS76833
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
102
101
100
10-1
10-2
-20
140
IO = 1 A
IO = 10 mA
IO = 0
Co = 10 µF
t - Time -
µs
LOAD TRANSIENT RESPONSE
1
0.5
300
200
100
400 500
700
600
800 900 1000
0
Co = 10 µF
TA = 25°C
0
0
50
100
-50
-100
TPS76815Q, TPS76818Q, TPS76825Q
TPS76827Q, TPS76828Q, TPS76830Q
TPS76833Q, TPS76850Q, TPS76801Q
SLVS211J – JUNE 1999 – REVISED OCTOBER 2004
FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
1 A Low-Dropout Voltage Regulator
Available in 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V,
3.0-V, 3.3-V, 5.0-V Fixed Output and
Adjustable Versions
Dropout Voltage Down to 230 mV at 1 A
(TPS76850)
Ultralow 85 µA Typical Quiescent Current
Fast Transient Response
2% Tolerance Over Specified Conditions for
Fixed-Output Versions
Open Drain Power Good (See TPS767xx for
Power-On Reset With 200-ms Delay Option)
8-Pin SOIC and 20-Pin TSSOP (PWP) Package
Thermal Shutdown Protection
This device is designed to have a fast transient
response and be stable with 10µF low ESR capaci-
tors. This combination provides high performance at a
reasonable cost.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS76825QPWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS76825QPWP TI-TPS76825QPWP Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825QPWP TI-TPS76825QPWP Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825QPWP TI-TPS76825QPWP Datasheet
879Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825QPWP TI1-TPS76825QPWP Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76825QPWPG4 TI-TPS76825QPWPG4 Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Description similaire - TPS76825QPWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-Q1 TI1-TPS76815-Q1_16 Datasheet
577Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-EP TI1-TPS76701-EP Datasheet
855Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76801-Q1 TI1-TPS76801-Q1 Datasheet
561Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76701-Q1 TI1-TPS76701-Q1 Datasheet
469Kb / 24P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818-EP TI-TPS76818-EP Datasheet
758Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815 TI-TPS76815_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com