Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC2G Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74AHC2G
Description  Dual 2-input OR gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC2G Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC2G Datasheet HTML 5Page - NXP Semiconductors 74AHC2G Datasheet HTML 6Page - NXP Semiconductors 74AHC2G Datasheet HTML 7Page - NXP Semiconductors 74AHC2G Datasheet HTML 8Page - NXP Semiconductors 74AHC2G Datasheet HTML 9Page - NXP Semiconductors 74AHC2G Datasheet HTML 10Page - NXP Semiconductors 74AHC2G Datasheet HTML 11Page - NXP Semiconductors 74AHC2G Datasheet HTML 12Page - NXP Semiconductors 74AHC2G Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9397 750 12532
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 23 February 2004
9 of 16
Philips Semiconductors
74AHC2G32; 74AHCT2G32
Dual 2-input OR gate
12. Dynamic characteristics
[1]
Typical values are measured at VCC = 3.3 V.
[2]
Typical values are measured at VCC = 5.0 V.
[3]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
[4]
The condition is VI = GND to VCC.
Table 10:
Dynamic characteristics type 74AHC2G32
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); tr = tf ≤ 3.0 ns; see Figure 6.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH
propagation delay
nA and nB to nY
see Figure 5
VCC = 3.0 V to 3.6 V; CL =15pF
[1] -
4.4
7.9
ns
VCC = 4.5 V to 5.5 V; CL =15pF
[2] -
3.2
5.5
ns
VCC = 3.0 V to 3.6 V; CL = 50 pF
-
6.3
11.4
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
-
4.6
7.5
ns
CPD
power dissipation
capacitance
CL = 50 pF; fi = 1 MHz
[3] [4] -16
-
pF
Tamb = −40 °C to +85 °C
tPHL, tPLH
propagation delay
nA and nB to nY
see Figure 5
VCC = 3.0 V to 3.6 V; CL = 15 pF
1.0
-
9.5
ns
VCC = 4.5 V to 5.5 V; CL = 15 pF
1.0
-
6.5
ns
VCC = 3.0 V to 3.6 V; CL = 50 pF
1.0
-
13.0
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
1.0
-
8.5
ns
Tamb = −40 °C to +125 °C
tPHL, tPLH
propagation delay
nA and nB to nY
see Figure 5
VCC = 3.0 V to 3.6 V; CL = 15 pF
1.0
-
10.0
ns
VCC = 4.5 V to 5.5 V; CL = 15 pF
1.0
-
7.0
ns
VCC = 3.0 V to 3.6 V; CL = 50 pF
1.0
-
14.5
ns
VCC = 4.5 V to 5.5 V; CL = 50 pF
1.0
-
9.5
ns


Numéro de pièce similaire - 74AHC2G

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AHC2G00 PHILIPS-74AHC2G00 Datasheet
94Kb / 17P
   The 74AHC2G/AHCT2G00 is a high-speed Si-gate CMOS device
2004 Jan 21
74AHC2G00 NXP-74AHC2G00 Datasheet
90Kb / 14P
   Dual 2-input NAND gate
Rev. 02-12 January 2009
logo
Nexperia B.V. All right...
74AHC2G00 NEXPERIA-74AHC2G00 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
Rev. 5 - 7 March 2019
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
   Dual 2-input NAND gate
logo
NXP Semiconductors
74AHC2G00DC PHILIPS-74AHC2G00DC Datasheet
94Kb / 17P
   The 74AHC2G/AHCT2G00 is a high-speed Si-gate CMOS device
2004 Jan 21
More results

Description similaire - 74AHC2G

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74V2T32 STMICROELECTRONICS-74V2T32 Datasheet
80Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F_01 Datasheet
234Kb / 7P
   DUAL 2-INPUT OR GATE
logo
Unisonic Technologies
U74AHC2G32 UTC-U74AHC2G32 Datasheet
196Kb / 5P
   DUAL 2-INPUT OR GATE
logo
ON Semiconductor
NL27WZ32 ONSEMI-NL27WZ32 Datasheet
51Kb / 6P
   Dual 2-Input OR Gate
February, 2004 ??Rev. 4
logo
Renesas Technology Corp
RD74LVC2G32 RENESAS-RD74LVC2G32 Datasheet
1Mb / 8P
   Dual 2-input OR Gate
logo
Diodes Incorporated
74LVC2G32 DIODES-74LVC2G32 Datasheet
507Kb / 11P
   DUAL 2-INPUT OR GATE
logo
Nexperia B.V. All right...
74HC2G32-Q100 NEXPERIA-74HC2G32-Q100 Datasheet
212Kb / 12P
   Dual 2-input OR gate
74LVC2G32 NEXPERIA-74LVC2G32 Datasheet
287Kb / 18P
   Dual 2-input OR gate
Rev. 15 - 23 June 2022
logo
Toshiba Semiconductor
TC7W32F TOSHIBA-TC7W32F Datasheet
201Kb / 6P
   DUAL 2-INPUT OR GATE
TC7WH32FU TOSHIBA-TC7WH32FU Datasheet
195Kb / 6P
   DUAL 2-INPUT OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com