Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PT4662 Fiches technique(PDF) 13 Page - Texas Instruments

No de pièce PT4662
Description  30-A Dual Output Isolated DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

PT4662 Fiches technique(HTML) 13 Page - Texas Instruments

Back Button PT4662 Datasheet HTML 9Page - Texas Instruments PT4662 Datasheet HTML 10Page - Texas Instruments PT4662 Datasheet HTML 11Page - Texas Instruments PT4662 Datasheet HTML 12Page - Texas Instruments PT4662 Datasheet HTML 13Page - Texas Instruments PT4662 Datasheet HTML 14Page - Texas Instruments PT4662 Datasheet HTML 15Page - Texas Instruments PT4662 Datasheet HTML 16Page - Texas Instruments PT4662 Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Application Notes
For technical support and further information, visit http://power.ti.com
Adjusting the Output Voltage of the PT4660
& PT4680 Series of Dual-Output Converters
The dual output voltages from the PT4660 (48-V Bus),
and PT4680 (24-V Bus) series of DC/DC converters can
be independently adjusted by up to 10 %, higher or lower
than the factory trimmed pre-set voltage. The adjustment
method requires the addition of a single external resistor 1.
Table 3-1 gives the adjustment range of Vo1 and Vo2 for
each model in the series as Va(min) and Va(max).
Vo1 Adjust Down:
Add a resistor (R1), between pin 13
(Vo1 Adj) and pin 12 (Vo1) 2.
Vo1 Adjust Up:
To increase the output, add a resistor R2
between pin 13 (Vo1 Adj) and pin 14 (COM) 2, 4.
Vo2 Adjust Down:
Add a resistor (R3) between pin 20
(Vo2 Adj) and pin 21 (Vo2) 2.
Vo2 Adjust Up:
Add a resistor R4 between pin 20
(Vo2 Adj) and pin 19 (COM) 2, 4.
Refer to Figure 3-1 and Table 3-2 for both the placement and
value of the required resistor.
Notes:
1. Adjust resistors are not required if Vo1 and Vo2 are to
remain at their respective nominal set-point voltage.
In this case, Vo1 Adj (pin 13) and Vo2 Adj (pin 20) are
left open-circuit
2. Use only a single 1% resistor in either the (R1) or R2
location to adjust Vo1, and in the (R3) or R4 location
to adjust Vo2. Place the resistor as close to the converter
as possible.
Figure 3-1; Placement of Output Adjust Resistors
3. Vo2 must always be at least 0.3 V lower than Vo1.
4. The over-voltage protection threshold is fixed, and is set
nominally 25 % above the set-point output voltage.
Adjusting Vo1 or Vo2 higher will reduce the voltage
margin between the respective steady-state output
voltage and its over-voltage (OV) protection threshold.
This could make the module sensitive to OV fault
detection, as a result of random noise and load tran-
sients.
Note: An OV fault is a latched condition that shuts down
both outputs of the converter. The fault can only be cleared
by cycling one of the Enable control pins (EN1* / EN2), or
by momentarily removing the input power to the module.
5. Never connect capacitors to either the Vo1 Adj or
Vo2 Adj pins. Any capacitance added to these control
pins will affect the stability of the respective regulated
output.
The adjust up and adjust down resistor values can also be
calculated using the following formulas. Be sure to select
the correct formula parameter from Table 3-1 for the
output and model being adjusted.
(R1) or (R3)
=
Ro · (Va – Vr )
– Rs
k
(Vo – Va)
R2 or R4
=
Ro ·
Vr
– Rs
k
Va – Vo
Where: Vo = Original output voltage, (Vo1 or Vo2)
Va = Adjusted output voltage
Vr = The reference voltage from Table 3-1
Ro = The resistance constant in Table 3-1
Rs = The series resistance from Table 3-1
PT4660 & PT4680 Series
PT4660
+Vin
EN 1*
EN 2
–Vin
Vo
1 adj
Vo
2 adj
Vo
1
Vo
2
COM
9–12
21–24
14–19
L
O
A
D
L
O
A
D
Vo
1
Vo
2
+V
IN
–V
IN
20
13
1
4
3
2
COM
* Inverted logic
R2
(R1)
(R3)
R4


Numéro de pièce similaire - PT4662

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
PT4662 TI-PT4662 Datasheet
290Kb / 13P
[Old version datasheet]   20-A 24-V Input Dual Output Isolated DC/DC Converter
PT4662 TI1-PT4662 Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4662A TI1-PT4662A Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4662C TI1-PT4662C Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4662N TI1-PT4662N Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
More results

Description similaire - PT4662

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4660 TI1-PT4660 Datasheet
326Kb / 16P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Texas Instruments
PT4711 TI-PT4711 Datasheet
337Kb / 13P
[Old version datasheet]   45-W Dual-Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63315QGL07 SYNQOR-DQ63315QGL07 Datasheet
810Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QGL08 SYNQOR-DQ63318QGL08 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63325QMA04 SYNQOR-DQ63325QMA04 Datasheet
854Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com