Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NBSG53A Fiches technique(PDF) 8 Page - ON Semiconductor

No de pièce NBSG53A
Description  2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53A Fiches technique(HTML) 8 Page - ON Semiconductor

Back Button NBSG53A Datasheet HTML 4Page - ON Semiconductor NBSG53A Datasheet HTML 5Page - ON Semiconductor NBSG53A Datasheet HTML 6Page - ON Semiconductor NBSG53A Datasheet HTML 7Page - ON Semiconductor NBSG53A Datasheet HTML 8Page - ON Semiconductor NBSG53A Datasheet HTML 9Page - ON Semiconductor NBSG53A Datasheet HTML 10Page - ON Semiconductor NBSG53A Datasheet HTML 11Page - ON Semiconductor NBSG53A Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
NBSG53A
http://onsemi.com
8
Table 9. DC CHARACTERISTICS, NECL INPUT WITH NECL OUTPUT
VCC = 0 V; VEE = −3.465 V to −2.375 V (Note 20) (continued)
Symbol
Unit
70
°C(BGA)/85°C(QFN)***
25
°C
−40
°C
Characteristic
Symbol
Unit
Max
Typ
Min
Max
Typ
Min
Max
Typ
Min
Characteristic
VIHCMR
Input HIGH Voltage Common
Mode Range
(Differential Configuration)
(Note 22)
VEE + 1.2
0.0
VEE + 1.2
0.0
VEE + 1.2
0.0
V
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
IIH
Input HIGH Current (@VIH)
R, SEL
CLK, CLK, D, D
35
5
100
50
35
5
100
50
35
5
100
50
mA
IIL
Input LOW Current (@VIL)
R, SEL
CLK, CLK, D, D
20
5
100
50
20
5
100
50
20
5
100
50
mA
IOLS
OLS Input Current (See Figure
12)
(OLS = VCC)
(OLS = VCC − 0.4 V)
(OLS = VCC − 0.8 V, OLS =
FLOAT)
(OLS = VCC − 1.2 V)
−3.465 V
v VEE v −3.0 V
*(OLS = VEE)
−3.0 V < VEE v −2.375 V
(OLS = VEE)
−300
−1500
−1000
300
100
5
−100
−600
−400
900
300
100
−300
−1500
−1000
300
100
5
−100
−600
−400
900
300
100
−300
−1500
−1000
300
100
5
−100
−600
−400
900
300
100
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
20. Input and output parameters vary 1:1 with VCC.
21. All outputs loaded with 50
W to VCC − 2.0 V.
22. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
23. VIH cannot exceed VCC. |VIH − VTHR| < 2600 mV.
24. VIL always w VEE. |VIL − VTHR| < 2600 mV.
25. VTHR is the voltage applied to one input when running in single−ended mode.
*Typicals used for testing purposes.
**When an output level of 400 mV is desired and VCC − VEE > 3.0 V, a 2 kW resistor should be connected from OLS to VEE.
***The device packaged in FCBGA−16 have maximum ambient temperature specification of 70
°C and devices packaged in QFN−16 have
maximum ambient temperature specification of 85
°C.


Numéro de pièce similaire - NBSG53A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
NBSG53ABA ONSEMI-NBSG53ABA Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53ABAEVB ONSEMI-NBSG53ABAEVB Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53ABAR2 ONSEMI-NBSG53ABAR2 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53AMN ONSEMI-NBSG53AMN Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
More results

Description similaire - NBSG53A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A_06 Datasheet
152Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
July, 2006 ??Rev. 8
NBSG53A ONSEMI-NBSG53A_14 Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP51V MICREL-SY10EP51V Datasheet
498Kb / 7P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL29 ONSEMI-MC100LVEL29 Datasheet
114Kb / 3P
   Dual Differential Data and Clock D Flip-Flop With Set and Reset
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com