Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMBSA06 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FMBSA06
Description  NPN General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMBSA06 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FMBSA06 Datasheet HTML 1Page - Fairchild Semiconductor FMBSA06 Datasheet HTML 2Page - Fairchild Semiconductor FMBSA06 Datasheet HTML 3Page - Fairchild Semiconductor FMBSA06 Datasheet HTML 4Page - Fairchild Semiconductor FMBSA06 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2004 Fairchild Semiconductor Corporation
Rev. A1, November 2004
Typical Characteristics
Figure 1. Typical Pulsed Current Gain
vs Collector Current
Figure 2. Collector-Emitter Saturation Voltage
vs Collector Current
Figure 3. Base-Emitter Saturation Voltage
vs Collector Current
Figure 4. Base-Emitter On Voltage
vs Collector Current
Figure 5. Collector Cutoff Current
vs Ambient Temperature
Figure 6. Collector Saturation Region
vs Collector Current
0.001
0.01
0.1
50
100
150
200
I
- COLLECTOR CURRENT (A)
- 40 °C
25 °C
C
V
= 1V
CE
125 °C
β
Collector-Emitt er Saturation
Voltage vs Collect or Current
0.1
1
10
100
1000
0
0.1
0.2
0.3
0.4
0.5
I - COLLECTOR CURRE NT (mA)
C
β = 10
- 40 °C
25 °C
125 °C
Voltage vs Collect or Current
0.1
1
10
100
1000
0.4
0.6
0.8
1
I - COLLECTOR CURRE NT (mA)
C
β = 10
- 40 °C
25 °C
125 °C
β
Collector Current
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
I - COLLECTOR CURRE NT (mA)
C
V
= 5V
CE
- 40 °C
25 °C
125 °C
β
25
50
75
100
125
0.001
0.01
0.1
1
10
T - AMBIE NT TEMP ERATURE ( C)
A
°
V
= 80 V
CB
Collector Saturation Region
4000
10000
20000
30000
50000
0
0.5
1
1.5
2
I
- BASE CURRENT (uA)
B
10 mA
100 mA
1 mA
T
= 25°C
I
=
C
A
β


Numéro de pièce similaire - FMBSA06

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FMBSA56 FAIRCHILD-FMBSA56 Datasheet
87Kb / 5P
   PNP General Purpose Amplifier
More results

Description similaire - FMBSA06

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com