Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MAX1510 Fiches technique(PDF) 6 Page - Maxim Integrated Products

No de pièce MAX1510
Description  Low-Voltage DDR Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1510 Fiches technique(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1510 Datasheet HTML 2Page - Maxim Integrated Products MAX1510 Datasheet HTML 3Page - Maxim Integrated Products MAX1510 Datasheet HTML 4Page - Maxim Integrated Products MAX1510 Datasheet HTML 5Page - Maxim Integrated Products MAX1510 Datasheet HTML 6Page - Maxim Integrated Products MAX1510 Datasheet HTML 7Page - Maxim Integrated Products MAX1510 Datasheet HTML 8Page - Maxim Integrated Products MAX1510 Datasheet HTML 9Page - Maxim Integrated Products MAX1510 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Low-Voltage DDR Linear Regulator
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1. TA = +25°C, unless otherwise noted)
DYNAMIC OUTPUT-VOLTAGE TRANSIENT
MAX1510 toc16
20.0
µs/div
2.5V
0.9V
0.9V
1.8V
1.2V
1.2V
VREFOUT
VOUTADJ
VOUT
VIN = 1.5V
DYNAMIC OUTPUT-VOLTAGE TRANSIENT
MAX1510 toc17
20.0
µs/div
2.5V
0.9V
0.9V
1.8V
1.2V
1.2V
VREFOUT
VOUTADJ
VOUT
VIN = 1.8V
SINK CURRENT-LIMIT
DISTRIBUTION
SINK CURRENT LIMIT (A)
-2.5
-3.0
-3.5
10
20
30
40
50
0
-4.0
-2.0
SAMPLE SIZE = 200
+25
°C
+85
°C
SOURCE CURRENT-LIMIT
DISTRIBUTION
SOURCE CURRENT LIMIT (A)
3.5
3.0
2.5
10
20
30
40
50
0
2.0
4.0
SAMPLE SIZE = 200
+25
°C
+85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn