Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE7037 Fiches technique(PDF) 1 Page - NTE Electronics

No de pièce NTE7037
Description  Integrated Circuit Module, 2 Output Positive Voltage Regulator for VCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7037 Fiches technique(HTML) 1 Page - NTE Electronics

  NTE7037 Datasheet HTML 1Page - NTE Electronics NTE7037 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE7037
Integrated Circuit
Module, 2 Output Positive Voltage
Regulator for VCR
Features:
D 2 Outputs
D Output Voltage Select Function
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum DC Input Voltage, VIN (DC) Max
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Average Output Current, IO Max
VO1
1.0A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VO2
1.0A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Peak Output Current (Note 1), IO Max
VO1
2.0A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VO2
2.0A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Case Temperature, TC Max
+105
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature, TJ Max
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–30
° to +105°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
7
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Peak Current: For 0.2sec Max.
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Test Conditions
VO1
VO2
Unit
Output Voltage Setting
Condition 1, Note 2
9.5
±0.1
5.5
±0.1
V
Output Cutoff Residual Voltage
Condition 1, Note 3
0.1
0.1
V Max
Ripple Voltage
Condition 1
5
5
mVp–p Max
Temperature Coefficient
Condition 1
0.02
0.035
%/
°C Max
Input Regulation
Condition 2
10
10
mV/V Max
Condition 3
2
2
Load Regulation
Condition 4
50
50
mV/A Max
Minimum Input–Output Voltage Difference
Condition 5
1.2
1.2
V Max
Note 2. Measurement must be made within 1 to 2 sec. after input switch is ON.
Note 3. When Pin7 is at High level (3V to 15V), VO1, VO2 are turned ON.
When Pin7 is at Low level (0.6V or less), VO1, VO2 are turned OFF.


Numéro de pièce similaire - NTE7037

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE7030 NTE-NTE7030 Datasheet
24Kb / 2P
   Integrated Circuit Module, AF PO, 50W, Dual Power Supply
NTE7031 NTE-NTE7031 Datasheet
22Kb / 2P
   Integrated Circuit Module - AF Power Amp, Single Channel, 100W Min
NTE7032 NTE-NTE7032 Datasheet
78Kb / 2P
   Integrated Circuit Module − AF Power Amp, Single Channel, 120W Min
NTE7033 NTE-NTE7033 Datasheet
26Kb / 2P
   Integrated Circuit Module, Switching Regulator Power Supply
NTE7034 NTE-NTE7034 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
More results

Description similaire - NTE7037

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE7024 NTE-NTE7024 Datasheet
21Kb / 2P
   Integrated Circuit Module, 2 Output Positive Voltage Regulator for VCR
NTE7026 NTE-NTE7026 Datasheet
21Kb / 2P
   Integrated Circuit Module, 2 Output Positive Voltage Regulator for VCR
NTE7038 NTE-NTE7038 Datasheet
24Kb / 2P
   Integrated Circuit Module, 5 Output Positive Voltage Regulator for VCR
NTE7022 NTE-NTE7022 Datasheet
21Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1881 NTE-NTE1881 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1734 NTE-NTE1734 Datasheet
24Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1735 NTE-NTE1735 Datasheet
21Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE1872 NTE-NTE1872 Datasheet
24Kb / 2P
   Integrated Circuit Module, 4 Output Positive Voltage Regulator for VCR
NTE7035 NTE-NTE7035 Datasheet
22Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
NTE7027 NTE-NTE7027 Datasheet
23Kb / 2P
   Integrated Circuit Module, 3 Output Positive Voltage Regulator for VCR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com