Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KD110F Fiches technique(PDF) 2 Page - SanRex Corporation

No de pièce KD110F
Description  DIODE MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANREX [SanRex Corporation]
Site Internet  http://www.sanrex.com
Logo SANREX - SanRex Corporation

KD110F Fiches technique(HTML) 2 Page - SanRex Corporation

  KD110F Datasheet HTML 1Page - SanRex Corporation KD110F Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD110F/KD110F
Maximum Forward Characteristics
Forward Voltage Drop(V)
10
10
10
Average Forward Current(A)
200
220
160
180
100
120
140
20
60
80
40
20
40
60
80
100 120 140 160 180
Average Forward Current vs.
Power Dissipation
Single Phase
Three Phase
Per one element
D.C.
Max.
Average Forward Current(A)
60
70
80
90
110
120
130
100
50
20
40
60
80
100 120 140 160 180
Average Forward Current vs.
Allowable Case Temperature
Per one element
500
1000
1500
2000
2500
3000
10
10
10
Time(Cycles)
Cycle Surge Forward Current Rating
(Non-Repetitive)
Per one element
j=25℃ start
60Hz
50Hz
0.5
0.4
0.3
0.2
0.1
10
10
10
ー1
10
ー2
10
ー3
10
10
10
Time
t(sec)
Transient Thermal Impedance
Per one element
Junction to Case
Id(Av)
900
800
600
700
500
400
300
200
100
100
200
40
80
120
B2;Two Pluse Bridge
connection
Output Current(A)
Ambient Temperature(℃)
Output Current
B2
Rth:1.0℃/W
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
100
90
110
120
125
Id(AV)
900
800
600
700
500
400
300
200
100
100
200
40
80
120
B6;Six pulse Bridge
connection
Output Current(A) Ambient Temperature(℃)
Output Current
Rth:1.0℃/W
Rth:0.8℃/W
Rth:0.6℃/W
Rth:0.4℃/W
Rth:0.2℃/W
Rth:0.1℃/W
B6
100
90
110
120
125


Numéro de pièce similaire - KD110F

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
KD11.4199.105 SCHURTER-KD11.4199.105 Datasheet
504Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KD11.4199.107 SCHURTER-KD11.4199.107 Datasheet
504Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KD11.4199.109 SCHURTER-KD11.4199.109 Datasheet
504Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KD11.4199.151 SCHURTER-KD11.4199.151 Datasheet
504Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KD114199151 SCHURTER-KD114199151 Datasheet
504Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
More results

Description similaire - KD110F

FabricantNo de pièceFiches techniqueDescription
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
SMDD-320I SEMPO-SMDD-320I Datasheet
44Kb / 1P
   Diode-Diode Module
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
SMDD-50H SEMPO-SMDD-50H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-110H SEMPO-SMDD-110H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
SMDD-160H SEMPO-SMDD-160H Datasheet
44Kb / 1P
   Diode-Diode Module
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com