Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FQA10N60C Datasheet(Fiches technique) 2 Page - Fairchild Semiconductor

Numéro de pièce FQA10N60C
Description  600V N-Channel MOSFET
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA10N60C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQA10N60C Datenblatt HTML 1Page - Fairchild Semiconductor FQA10N60C Datasheet HTML 2Page - Fairchild Semiconductor FQA10N60C Datenblatt HTML 3Page - Fairchild Semiconductor FQA10N60C Datenblatt HTML 4Page - Fairchild Semiconductor FQA10N60C Datenblatt HTML 5Page - Fairchild Semiconductor FQA10N60C Datenblatt HTML 6Page - Fairchild Semiconductor FQA10N60C Datenblatt HTML 7Page - Fairchild Semiconductor FQA10N60C Datenblatt HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. A, October 2003
©2003 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 14.2mH, IAS = 9.5A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 9.5A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
600
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.7
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 600 V, VGS = 0 V
--
--
1
µA
VDS = 480 V, TC = 125°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 5 A
--
0.6
0.73
gFS
Forward Transconductance
VDS = 40 V, ID = 5 A
(Note 4)
--
8.0
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
1570
2040
pF
Coss
Output Capacitance
--
166
215
pF
Crss
Reverse Transfer Capacitance
--
18
24
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 300 V, ID = 9.5A,
RG = 25 Ω
(Note 4, 5)
--
23
55
ns
tr
Turn-On Rise Time
--
69
150
ns
td(off)
Turn-Off Delay Time
--
144
300
ns
tf
Turn-Off Fall Time
--
77
165
ns
Qg
Total Gate Charge
VDS = 480 V, ID = 9.5A,
VGS = 10 V
(Note 4, 5)
--
44
57
nC
Qgs
Gate-Source Charge
--
6.7
--
nC
Qgd
Gate-Drain Charge
--
18.5
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
10
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
40
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 10 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 9.5 A,
dIF / dt = 100 A/µs
(Note 4)
--
1000
--
ns
Qrr
Reverse Recovery Charge
--
17.0
--
µC


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
STP4NM60N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh™Power MOSFET 1 2 3 4 5 MoreSTMicroelectronics
FQAF19N60600V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQP7N60600V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
SSW1N60B600V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FCP20N60600V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FCH47N60600V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQP3N60C600V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
STS1HNK60N-CHANNEL 600V - 8W - 0.3A SO-8 SuperMESH-TMPower MOSFET 1 2 3 4 5 MoreSTMicroelectronics
FQB12N60600V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
FQPF12N60600V N-Channel MOSFET 1 2 3 4 5 MoreFairchild Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn