Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN24AMLX Fiches technique(PDF) 9 Page - Fairchild Semiconductor

No de pièce FIN24AMLX
Description  Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN24AMLX Fiches technique(HTML) 9 Page - Fairchild Semiconductor

Back Button FIN24AMLX Datasheet HTML 5Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 6Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 7Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 8Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 9Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 10Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 11Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 12Page - Fairchild Semiconductor FIN24AMLX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Preliminary
9
www.fairchildsemi.com
Application Mode Diagrams (Continued)
FIGURE 9. Unidirectional Serializer and Deserializer
FIGURE 10. Multiple Units, Unidirectional Signals in Each Direction
Figure 10 shows a half duplex connectivity diagram. This
connectivity allows for two unidirectional data streams to
be sent across a single pair of SerDes devices. Data will be
sent on a frame by frame basis. For this mode of operation
to work there needs to be some synchronization between
when the Camera sends its data frame and when the LCD
sends its data. One option for this is to have the LCD send
data during the camera blanking period. External logic may
need to be provided in order for this mode of operation to
work.
Devices will alternate frames of data controlled by a direc-
tion control and a direction sense. When DIRI, on the right-
hand FIN24A is HIGH, data will be sent from the Camera to
the Camera interface at the base. When DIRI, on the right-
hand FIN24A goes LOW data will be sent from the base-
band process to the LCD. The direction is then changed at
DIRO on the right-hand FIN24A indicating to the left-hand
FIN24A to change direction. Data will be sent from the
Base LCD Unit to the LCD. The DIRO pin on the left-hand
FIN24A is used to indicate to the base control unit that the
signals are changing direction and the LCD is now avail-
able to be sent data. DIRI on the right-hand FIN24A could
typically use a timing reference signal such as VSYNC
from the camera interface to indicate direction change. A
derivative of this signal may be required in order to make
sure that no data is lost on the final data transfer.


Numéro de pièce similaire - FIN24AMLX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24ACGFX FAIRCHILD-FIN24ACGFX Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN24ACGFX FAIRCHILD-FIN24ACGFX Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN24ACMLX FAIRCHILD-FIN24ACMLX Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
More results

Description similaire - FIN24AMLX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN12AC FAIRCHILD-FIN12AC Datasheet
1Mb / 21P
   Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com