Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5601 Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce FAN5601
Description  Regulated Step-Down Charge Pump DC/DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5601 Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5601 Datasheet HTML 4Page - Fairchild Semiconductor FAN5601 Datasheet HTML 5Page - Fairchild Semiconductor FAN5601 Datasheet HTML 6Page - Fairchild Semiconductor FAN5601 Datasheet HTML 7Page - Fairchild Semiconductor FAN5601 Datasheet HTML 8Page - Fairchild Semiconductor FAN5601 Datasheet HTML 9Page - Fairchild Semiconductor FAN5601 Datasheet HTML 10Page - Fairchild Semiconductor FAN5601 Datasheet HTML 11Page - Fairchild Semiconductor FAN5601 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
PRODUCT SPECIFICATION
FAN5601
8
REV. 1.0.4 4/4/05
Typical Performance Characteristics (cont.)
TA = 25°C, CIN= COUT =10µF, CB = 1µF, VOUT = 1.3V, unless otherwise noted.
Output Ripple
Output Ripple
Output Ripple
Output Ripple
Output Ripple
Time (10
µs/div)
IOUT = 150mA
VIN = 2.2V
VOUT = 1.3V
Time (10
µs/div)
IOUT = 150mA
VIN = 2.7V
VOUT = 1.3V
Time (10
µs/div)
IOUT = 150mA
VIN = 3.6V
VOUT = 1.3V
Time (1
µs/div)
IOUT = 150mA
VIN = 4.2V
VOUT = 1.3V
Time (1
µs/div)
IOUT = 150mA
VIN = 5.5V
VOUT = 1.3V


Numéro de pièce similaire - FAN5601

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Description similaire - FAN5601

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631_07 Datasheet
280Kb / 13P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com