Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24C00UITE13 Fiches technique(PDF) 6 Page - Catalyst Semiconductor

No de pièce CAT24C00UITE13
Description  128-bit Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C00UITE13 Fiches technique(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT24C00UITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C00UITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C00UITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C00UITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C00UITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C00UITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C00UITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C00UITE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C00UITE13 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT24C00
6
Doc. No. 1027, Rev. N
bits are transmitted before the stop bit is sent, then
the device will clear the previously loaded byte and
begin loading the data buffer again. If more than one
data byte is transmitted to the device and a stop bit
is sent before a full eight bits of data have been
transmitted, then the write command will abort and
no data will be written.
Acknowledge Polling
The disabling of the inputs can be used to take advantage
of the typical write cycle time. Once the stop condition
is issued to indicate the end of the host’s write operation,
the CAT24C00 initiates the internal write cycle. ACK
polling can be initiated immediately.
This involves
issuing the start condition followed by the slave address
for a write operation. If the CAT24C00 is still busy with
the write operation, no ACK will be returned. If the
CAT24C00 has completed the write operation, an ACK
will be returned and the host can then proceed with the
next read or write operation.
READ OPERATIONS
The READ operation for the CAT24C00 is initiated in the
same manner as the write operation with the one
exception that the R/
W bit is set to a one. Three different
READ operations are possible: Immediate Address
READ, Selective READ and Sequential READ.
Immediate Address Read
The device’s address counter contains the address of
the last byte accessed, incremented by one. In other
words, if the last READ access was to address N, the
READ immediately following would access data from
address N+1. If N=15, then the counter will 'wrap around'
to address 0 and continue to clock out data.
Figure 5. Slave Address Bits
1
0
1
0
X
X
X
R/W
CAT24C00
Selective Read
Selective READ operations allow the Master device to
select at random any memory location for a READ
operation. The Master device first performs a ‘dummy’
write operation by sending the START condition, slave
address and byte address of the location it wishes to
read. After the CAT24C00 acknowledges the word
address, the Master device resends the START condition
and the slave address, this time with the R/
W bit is set to
one. The CAT24C00 then responds with its acknowledge
and sends the 8-bit byte requested. To end the Read
Operation the master device does not send an
acknowledge but will generate a STOP condition.
Sequential Read
The Sequential READ operation can be initiated by
either the immediate Address READ or Selective READ
operations. After the CAT24C00 sends initial 8-bit byte
requested, the Master will respond with an acknowledge
which tells the device it requires more data. The
CAT24C00 will continue to output an 8-bit byte for each
acknowledge sent by the Master. The operation is
terminated when the Master fails to respond with an
acknowledge, thus sending the STOP condition.
The data being transmitted from the CAT24C00 is
outputted sequentially with data from address N followed
by data from address N+1. The READ operation address
counter increments all of the CAT24C00 address bits so
that the entire memory array can be read during one
operation. If more than 16 bytes are read out, the counter
will “wrap around” and continue to clock out data bytes.


Numéro de pièce similaire - CAT24C00UITE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00_05 Datasheet
624Kb / 10P
   128-Bit Serial EEPROM
More results

Description similaire - CAT24C00UITE13

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00_05 Datasheet
624Kb / 10P
   128-Bit Serial EEPROM
logo
Microchip Technology
24LC00-I-SN MICROCHIP-24LC00-I-SN Datasheet
380Kb / 24P
   128-Bit I2C??Bus Serial EEPROM
2007
24AA00 MICROCHIP-24AA00_11 Datasheet
788Kb / 34P
   128-Bit I2C??Bus Serial EEPROM
08/02/11
24LC00T MICROCHIP-24LC00T Datasheet
312Kb / 24P
   128-Bit I2C Bus Serial EEPROM
12/08/06
24LC00T-IOTG MICROCHIP-24LC00T-IOTG Datasheet
788Kb / 34P
   128-Bit I2C??Bus Serial EEPROM
08/02/11
24AA00 MICROCHIP-24AA00 Datasheet
156Kb / 18P
   128 Bit I2C Bus Serial EEPROM
2003
24AA00 MICROCHIP-24AA00_07 Datasheet
378Kb / 24P
   128 Bit I2C Bus Serial EEPROM
2007
24AA00 MICROCHIP-24AA00_V01 Datasheet
685Kb / 34P
   128-Bit I2C Bus Serial EEPROM
Revision J 08/2018
logo
ON Semiconductor
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com