Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMC997LC4 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce HMC997LC4
Description  VARIABLE GAIN AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

HMC997LC4 Fiches technique(HTML) 3 Page - Analog Devices

  HMC997LC4 Datasheet HTML 1Page - Analog Devices HMC997LC4 Datasheet HTML 2Page - Analog Devices HMC997LC4 Datasheet HTML 3Page - Analog Devices HMC997LC4 Datasheet HTML 4Page - Analog Devices HMC997LC4 Datasheet HTML 5Page - Analog Devices HMC997LC4 Datasheet HTML 6Page - Analog Devices HMC997LC4 Datasheet HTML 7Page - Analog Devices HMC997LC4 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC997LC4
v02.0514
VARIABLE GAIN AMPLIFIER
17 - 27 GHz
[1] Tested with broadband bias tee on rf ports and C1 = 10,000 pf
[2] C1, C6 and C8 = 100 pf, l1 = 24 nf
P1dB vs. Temperature
Psat vs. Temperature
Noise Figure vs. Temperature
Input Return Loss @
Control Voltage Extreme
Output Return Loss @
Control Voltage Extreme
Noise Figure vs. Control Voltage
-30
-25
-20
-15
-10
-5
0
17
19
21
23
25
27
-4.5 Volts
-1.0 Volts
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
17
19
21
23
25
27
-4.5 Volts
-1.0 Volts
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
17
18
19
20
21
22
23
24
25
26
27
+25C
+85C
-40C
FREQUENCY (GHz)
2
4
6
8
10
12
14
-4
-3.5
-3
-2.5
-2
-1.5
-1
17 GHz
18 GHz
20 GHz
22 GHz
24 GHz
25 GHz
26 GHz
CONTROL VOLTAGE (V)
0
5
10
15
20
25
30
17
19
21
23
25
27
+25C
+85C
-40C
FREQUENCY (GHz)
Vctrl = -4.5V
Vctrl = -1V
0
5
10
15
20
25
30
17
19
21
23
25
27
+25C
+85C
-40C
FREQUENCY (GHz)
Vctrl = -4.5V
Vctrl = -1V
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Numéro de pièce similaire - HMC997LC4

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4 Datasheet
486Kb / 8P
   Variable Gain Amplifier 17 to 27 GHz
HMC997LC4 HITTITE-HMC997LC4 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
More results

Description similaire - HMC997LC4

FabricantNo de pièceFiches techniqueDescription
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
logo
Analog Devices
AD8330 AD-AD8330_16 Datasheet
1Mb / 32P
   Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E_12 Datasheet
550Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA2617 BURR-BROWN-VCA2617 Datasheet
526Kb / 19P
   Dual, Variable Gain Amplifier
logo
BeRex Corporation
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com