Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8264 Fiches technique(PDF) 37 Page - Analog Devices

No de pièce AD8264
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8264 Fiches technique(HTML) 37 Page - Analog Devices

Back Button AD8264_16 Datasheet HTML 32Page - Analog Devices AD8264_16 Datasheet HTML 33Page - Analog Devices AD8264_16 Datasheet HTML 34Page - Analog Devices AD8264_16 Datasheet HTML 35Page - Analog Devices AD8264_16 Datasheet HTML 36Page - Analog Devices AD8264_16 Datasheet HTML 37Page - Analog Devices AD8264_16 Datasheet HTML 38Page - Analog Devices AD8264_16 Datasheet HTML 39Page - Analog Devices AD8264_16 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Data Sheet
AD8264
Rev. B | Page 37 of 40
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
EXPOSED
PAD
PIN 1
INDICATOR
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
6.10
6.00 SQ
5.90
0.80
0.75
0.70
0.45
0.40
0.35
0.25 MIN
4.25
4.10 SQ
3.95
COMPLIANT TO JEDEC STANDARDS MO-220-WJJD.
40
1
11
20
21
30
31
10
Figure 125. 40-Lead Lead Frame Chip Scale Package [LFCSP]
6 mm × 6 mm Body and 0.75 mm Package Height
(CP-40-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
AD8264ACPZ
−40°C to +85°C
40-Lead LFCSP
CP-40-9
H1V
AD8264ACPZ-R7
−40°C to +85°C
40-Lead LFCSP, 7”Tape and Reel
CP-40-9
H1V
AD8264ACPZ-RL
−40°C to +85°C
40-Lead LFCSP, 13”Tape and Reel
CP-40-9
H1V
AD8264-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.


Numéro de pièce similaire - AD8264_16

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8264-EVALZ AD-AD8264-EVALZ Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
AD8264ACPZ AD-AD8264ACPZ Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
AD8264ACPZ-R7 AD-AD8264ACPZ-R7 Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
AD8264ACPZ-RL AD-AD8264ACPZ-RL Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
More results

Description similaire - AD8264_16

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8264 AD-AD8264 Datasheet
1Mb / 40P
   Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
REV. 0
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
AD640 AD-AD640_15 Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
logo
Maxim Integrated Produc...
MAX9516EVKIT MAXIM-MAX9516EVKIT Datasheet
102Kb / 5P
   DC-Coupled Output
Rev 0; 4/07
logo
Analog Devices
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. C
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. B
logo
NEC
UPC1663 NEC-UPC1663 Datasheet
93Kb / 16P
   DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
logo
Analog Devices
AD8337 AD-AD8337 Datasheet
773Kb / 28P
   General-Purpose, Low Cost, DC-Coupled VGA
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com