Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EQY-2-63-D Fiches technique(PDF) 2 Page - Mini-Circuits

No de pièce EQY-2-63-D
Description  Gain Equalizer Die
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EQY-2-63-D Fiches technique(HTML) 2 Page - Mini-Circuits

  EQY-2-63-D Datasheet HTML 1Page - Mini-Circuits EQY-2-63-D Datasheet HTML 2Page - Mini-Circuits EQY-2-63-D Datasheet HTML 3Page - Mini-Circuits EQY-2-63-D Datasheet HTML 4Page - Mini-Circuits EQY-2-63-D Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Gain Equalizer Die
50Ω
2dB
DC to 6 GHz
Microwave
Pad Number
Function
Description
2
RF-IN
RF-Input pad
3
RF-OUT
RF-Output pad
1,4 & Bottom
of Die
GND
Ground
Product Features
• 2.1 dB Slope
• Excellent power handling 31 dBm
• Wide Bandwidth, DC-6 GHz
• Excellent Return Loss, 20 dB typ.
General Description
EQY-2-63-D+ is an absorptive Gain Equalizer Die fabricated using highly repetitive GaAs IPD MMIC process
incorporating resistors, capacitors and inductors having negative insertion loss slope. EQY-2-63-D+ has a
nominal attenuation slope of 2.1 dB.
Typical Applications
• Cellular
• PCS
• Communications
• Radar
• Defense
EQY-2-63-D+
RF-IN
RF-OUT
REV. OR
M167540
EQY-2-63-D+
GY/RS/CP
180622
Simplified Schematic and Pad description
Bonding Pad Position
Dimensions in µm, Typical
L1
L2
L3
H1
H2
H3
H4
H5
Thickness Die Size
Bond Pad
#1, #4
Bond Pad
#2, #3
74
274
1107
74
86
613
626
700
100
1107x700
67 X 67
117 X 92
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Ordering Information: Refer to Last Page


Numéro de pièce similaire - EQY-2-63-D

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
EQY-2-63 MINI-EQY-2-63 Datasheet
264Kb / 5P
   Gain Equalizers
EQY-2-63++ MINI-EQY-2-63+ Datasheet
264Kb / 5P
   Gain Equalizers
More results

Description similaire - EQY-2-63-D

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
EQY-6-63-D MINI-EQY-6-63-D Datasheet
261Kb / 5P
   Gain Equalizer Die
EQY-3-24-D MINI-EQY-3-24-D Datasheet
292Kb / 4P
   Gain Equalizer Die
EQY-6-24-D MINI-EQY-6-24-D Datasheet
277Kb / 4P
   Gain Equalizer Die
EQY-8-453-DG MINI-EQY-8-453-DG Datasheet
321Kb / 5P
   Gain Equalizer Die
EQY-3-63-D MINI-EQY-3-63-D Datasheet
262Kb / 5P
   Gain Equalizer Die
EQY-10-63-D MINI-EQY-10-63-D Datasheet
301Kb / 5P
   Gain Equalizer Die
EQY-7-453-DG MINI-EQY-7-453-DG Datasheet
321Kb / 5P
   Gain Equalizer Die
EQY-9-453-DG MINI-EQY-9-453-DG Datasheet
321Kb / 5P
   Gain Equalizer Die
EQY-12-24-D MINI-EQY-12-24-D Datasheet
281Kb / 4P
   Gain Equalizer Die
EQY-8-24-D MINI-EQY-8-24-D Datasheet
279Kb / 4P
   Gain Equalizer Die
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com