Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4B02G Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce TS4B02G
Description  Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

TS4B02G Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  TS4B02G Datasheet HTML 1Page - List of Unclassifed Manufacturers TS4B02G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
- 655 -
RATINGS AND CHARACTERISTIC CURVES (TS4B01G THRU TS4B07G)
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0
20
40
60
80
100
120
140
0.1
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=100 C
0
Tj=25 C
0
FIG.1- MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER BRIDGE ELEMENT
10
5
2
150
20
100
0
25
125
75
150
50
100
175
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC METHOD
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER BRIDGE ELEMENT
.7
.6
.8
1.0
.9
1.1
1.2
1.3
0.1
0.4
4.0
40
2.0
20
0.2
1.0
10
100
INSTANTANEOUS FORWARD VOLTAGE. (V)
Tj=125 C
0
8.3ms Single Half Sine Wave
FIG.2- MAXIMUM FORWARD CURRENT DERATING
CURVE PER BRIDGE ELEMENT
50
0
100
150
0
3
2
1
4
5
CASE TEMPERATURE. ( C)
o
MOUNTED ON 4X4 INCH
COPPER PC BOARD
0.5"(12.7mm) LEAD LENGTH


Numéro de pièce similaire - TS4B02G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS4B02G TSC-TS4B02G Datasheet
227Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
TS4B02G TSC-TS4B02G Datasheet
60Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
TS4B02G TSC-TS4B02G Datasheet
432Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
TS4B02G TSC-TS4B02G Datasheet
217Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Description similaire - TS4B02G

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
KBL401G TSC-KBL401G Datasheet
68Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
KBU401G TSC-KBU401G_1 Datasheet
170Kb / 2P
   Single Phase 4.0 AMPS Glass Passivated Bridge Rectifiers
TS4B01G TSC-TS4B01G Datasheet
227Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
GBLA005 TSC-GBLA005 Datasheet
52Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
D4UB05 KINGTRONICS-D4UB05_15 Datasheet
470Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
GBL005 TSC-GBL005_1 Datasheet
206Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
KBU401G TSC-KBU401G Datasheet
54Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
KBL401G TSC-KBL401G_1 Datasheet
263Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
GBU401 TSC-GBU401_1 Datasheet
220Kb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
GBL401G BYTESONIC-GBL401G Datasheet
446Kb / 2P
   SINGLE PHASE 4.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
UR4KB005 TSC-UR4KB005 Datasheet
1Mb / 2P
   Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com