Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B231016 Fiches technique(PDF) 1 Page - E-SWITCH

No de pièce B231016
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

B231016 Fiches technique(HTML) 1 Page - E-SWITCH

  B231016 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
LP11OA1TBSWW
2
12/6/2010
B231016
B
BMA
1
1
LUMINOUS INTENSITY @ 20mA
LED SPECS
FORWARD VOLTAGE @20mA
FORWARD CURRENT
mcd
V
mA
20
500
3.0-3.6
WHITE
UNITS
WHITE
20
3.0-3.6
500
L2
(WHITE)
L1
(WHITE)
LC
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=`0.4
X.XX=`0.25
3. TERM. NOS. FOR REFERENCE ONLY.
4. RATING: 100mA @ 12VDC
5. CONTACT MATERIAL: GOLD PLATED
6. CONTACT RESISTANCE: 200 Milli-OHM MAX.
7. INSULATION RESISTANCE: 500VDC, 100 MEGA-OHM MIN.
8. OPERATING FORCE: 250 ` 100GF
9. MECHANCIAL LIFE: 1,000,000 CYCLES
10. OPERATING TEMP: -20~C TO +70~C
11. LED COLORS: WHITE - WHITE
12. TRAVEL: 4.50mm±0.20
13. 2002/95/EC (ROHS) COMPLIANT
14.
DENOTES CRITICAL PARAMETER.
15. SWITCH HAS TACTILE FEEDBACK WHEN ACTUATED.
LED SCHEMATIC
12.70
[.500 in]
15.00
[.591 in]
o
12.70
[.500 in]
11.50
[.453 in]
3.60
[.142 in]
6.00
[.236 in]
A
19487
Release for Production
12/06/10
BMA
CIRCUIT: SPST
1
2
1
2
1
2
L1
L2
LC
L1
L2
LC
12.70
[.500 in]
6.35
[.250 in]
2.54
[.100 in]
5.08
[.200 in]
7.62
[.300 in]
4.50
[.177 in]
6.35
[.250 in]
4.50
[.177 in]
n1.30
[.051 in]
n.70
[.028 in]
n.80
[.031 in]
12.70
[.500 in]
PCB LAYOUT
L1
L2
1
2
3.00
[.118 in]
2.60
[.102 in]
.40
[.016 in]
7.62
[.300 in]
7.00
[.276 in]
23.00
[.906 in]
15.00
[.591 in]
15.00
[.591 in]
B
21454
CHANGE CONTACT MATERIAL TO GOLD
5/13/14
EBP
B


Numéro de pièce similaire - B231016

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
B231010 E-SWITCH-B231010 Datasheet
185Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B231011 E-SWITCH-B231011 Datasheet
172Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B231012 E-SWITCH-B231012 Datasheet
172Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B231013 E-SWITCH-B231013 Datasheet
177Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B231014 E-SWITCH-B231014 Datasheet
177Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Description similaire - B231016

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com