Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AON6702 Fiches technique(PDF) 1 Page - Alpha & Omega Semiconductors

No de pièce AON6702
Description  30V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AOSMD [Alpha & Omega Semiconductors]
Site Internet  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6702 Fiches technique(HTML) 1 Page - Alpha & Omega Semiconductors

  AON6702 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6702 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6702 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6702 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6702 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6702 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6702 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AON6702
30V N-Channel MOSFET
General Description
Product Summary
VDS
30V
ID (at VGS=10V)
85A
RDS(ON) (at VGS=10V)
< 2m
RDS(ON) (at VGS = 4.5V)
< 3m
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
260
Pulsed Drain Current
C
Continuous Drain
Current
G
Parameter
Typ
Max
TC=25°C
2.3
33
TC=100°C
Junction and Storage Temperature Range
-55 to 150
°C
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
°C/W
RθJA
14
40
18
V
±20
Gate-Source Voltage
Drain-Source Voltage
30
SRFET
TM AON6702 uses advanced trench technology
with a monolithically integrated Schottky diode to provide
excellent RDS(ON),and low gate charge. This device is
suitable for use as a low side FET in SMPS, load
switching and general purpose applications.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
Repetitive avalanche energy L=0.1mH
C
mJ
Avalanche Current
C
20
Continuous Drain
Current
259
26
A
72
A
TA=25°C
IDSM
A
TA=70°C
ID
85
67
TC=25°C
TC=100°C
Power Dissipation
B
PD
W
Power Dissipation
A
PDSM
W
TA=70°C
83
1.4
TA=25°C
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
1
55
1.5
SRFET TM
G
D
S
SRFET
TM
Soft Recovery MOSFET:
Integrated Schottky Diode
Top View
1
2
3
4
8
7
6
5
PIN1
DFN5X6
Top View
Bottom View
Rev 2: November 2010
www.aosmd.com
Page 1 of 7


Numéro de pièce similaire - AON6702

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AON6706 AOSMD-AON6706 Datasheet
278Kb / 7P
   30V N-Channel MOSFET
More results

Description similaire - AON6702

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com