Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AON6590 Fiches technique(PDF) 5 Page - Alpha & Omega Semiconductors

No de pièce AON6590
Description  40V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AOSMD [Alpha & Omega Semiconductors]
Site Internet  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6590 Fiches technique(HTML) 5 Page - Alpha & Omega Semiconductors

  AON6590 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6590 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6590 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6590 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6590 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6590 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
50
100
150
200
250
0
25
50
75
100
125
150
T
CASE (°C)
Figure 12: Power De-rating (Note F)
0
50
100
150
0
25
50
75
100
125
150
T
CASE (°C)
Figure 13: Current De-rating (Note F)
1
10
100
1000
10000
1E-05
0.001
0.1
10
1000
Pulse Width (s)
T
A=25°C
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Normalized Maximum Transient Thermal Impedance (Note H)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Pulse Width (s)
Figure 14: Single Pulse Power Rating Junction-to-Ambient (Note H)
RθJA=50°C/W
Rev.3.0: December 2014
www.aosmd.com
Page 5 of 6


Numéro de pièce similaire - AON6590

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
AON6596 AOSMD-AON6596 Datasheet
346Kb / 6P
   30V N-Channel AlphaMOS
More results

Description similaire - AON6590

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
   40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
   40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
   40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
   40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
   40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
   40V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4480 AOSMD-AO4480_10 Datasheet
173Kb / 4P
   40V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com