Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDEMD2220KA5N00 Fiches technique(PDF) 1 Page - Kemet Corporation

No de pièce LDEMD2220KA5N00
Description  Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.022 uF, 10%, 400 V, 160 V, 125C, 2220, 2.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEMD2220KA5N00 Fiches technique(HTML) 1 Page - Kemet Corporation

  LDEMD2220KA5N00 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 59c09f99-eb5a-4458-9a5e-d8bb22c095e7
KEMET Part Number: LDEMD2220KA5N00
(DEMD2220KA5N00)
Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.022 uF, 10%, 400 V, 160 V, 125C, 2220, 2.5mm
Dimensions
Chip Size
2220
L
6mm +/-0.3mm
W
5mm +/-0.4mm
T
2.5mm MAX
B
0.5mm +0.5/-0.3mm
Packaging Specifications
Packaging: T&R
Packaging Quantity: 3000
General Information
Dielectric: Metallized PEN Stacked
Style: SMD Chip
Series: LDE
RoHS: Yes
Approvals: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 0.022 uF
Capacitance Tolerance: 10%
Voltage DC: 400 VDC
Voltage AC: 160 V
Temperature Range: -55/+125C
Rated Temperature: 125C
Dissipation Factor: 0.8% 1kHz
Insulation Resistance: 1 GOhms
Max dVdt: 100 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Numéro de pièce similaire - LDEMD2220KA5N00

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LDEMD2220 ETC1-LDEMD2220 Datasheet
499Kb / 8P
   PEN-PET H.T
More results

Description similaire - LDEMD2220KA5N00

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
LDEMD2470KA5N00 KEMET-LDEMD2470KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.047 uF, 10%, 400 V, 160 V, 125C, 2220, 4.4mm
LDEMD2330KA5N00 KEMET-LDEMD2330KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.033 uF, 10%, 400 V, 160 V, 125C, 2220, 3.4mm
LDEMD2150KA5N00 KEMET-LDEMD2150KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.015 uF, 10%, 400 V, 160 V, 125C, 2220, 2.1mm
LDEME3100KA5N00 KEMET-LDEME3100KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.1 uF, 10%, 400 V, 160 V, 125C, 2824, 5.4mm
LDEID2680KA5N00 KEMET-LDEID2680KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.068 uF, 10%, 250 V, 120 V, 125C, 2220, 2.8mm
LDEDD3330KA5N00 KEMET-LDEDD3330KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.33 uF, 10%, 63 V, 40 V, 125C, 2220, 1.9mm
LDEED3220KA5N00 KEMET-LDEED3220KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.22 uF, 10%, 100 V, 63 V, 125C, 2220, 2.4mm
LDEED3330KA5N00 KEMET-LDEED3330KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.33 uF, 10%, 100 V, 63 V, 125C, 2220, 3.3mm
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00_17 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.01 uF, 10%, 630 V, 200 V, 125C, 2220, 3mm
LDEID2470KA5N00 KEMET-LDEID2470KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.047 uF, 10%, 250 V, 120 V, 125C, 2220, 2.3mm
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com