Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-REL4-SW24 Fiches technique(PDF) 1 Page - PHOENIX CONTACT

No de pièce ST-REL4-SW24
Description  Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 24 V AC, with light indicator, can be plugged onto basic termination blocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

ST-REL4-SW24 Fiches technique(HTML) 1 Page - PHOENIX CONTACT

  ST-REL4-SW24 Datasheet HTML 1Page - PHOENIX CONTACT ST-REL4-SW24 Datasheet HTML 2Page - PHOENIX CONTACT ST-REL4-SW24 Datasheet HTML 3Page - PHOENIX CONTACT ST-REL4-SW24 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 4
http://www.phoenixcontact.de
Feb 9, 2011
Extract from the online
catalog
 
ST-REL4-SW 24/21-21
Order No.: 2825539
The illustration shows version ST-REL 4-SG 48/21-21
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2825539
 
 
Relay connector, equipped with Siemens KAMMRELAIS ®, contacts
(Ag): medium loads, 2 PDT, input voltage 24 V AC, with light indicator,
can be plugged onto basic termination blocks
 
Commercial data
GTIN (EAN)
4
017918
077808
Note
Made-to-order
sales group
G014
Pack
10 pcs.
Customs tariff
85364190
Catalog page information
Page 85 (IF-2002)
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Coil side
Nominal input voltage UN
24 V AC
Input voltage range in reference to UN
0.8 ... 1.1
Nominal input current at UIN
55 mA
Typical response time
4 ms ... 15 ms (with AC)


Numéro de pièce similaire - ST-REL4-SW24

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
ST-REL4-SW230 PHOENIX-ST-REL4-SW230 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 230 V AC, with light indicator, can be plugged onto basic termination blocks
More results

Description similaire - ST-REL4-SW24

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
ST-REL3-SW24 PHOENIX-ST-REL3-SW24 Datasheet
75Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 24 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL4-SW120 PHOENIX-ST-REL4-SW120 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 120 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL4-SW230 PHOENIX-ST-REL4-SW230 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 230 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL3-SW120 PHOENIX-ST-REL3-SW120 Datasheet
77Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 120 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL3-SW230 PHOENIX-ST-REL3-SW230 Datasheet
77Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 230 V AC, with light indicator, can be plugged onto basic termination blocks
ST-REL4-SG24 PHOENIX-ST-REL4-SG24 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL3-SG24 PHOENIX-ST-REL3-SG24 Datasheet
77Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL7-SG24 PHOENIX-ST-REL7-SG24 Datasheet
113Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 4 PDT, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-SG110 PHOENIX-ST-REL4-SG110 Datasheet
87Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 2 PDT, input voltage 110 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL3-SW42 PHOENIX-ST-REL3-SW42 Datasheet
77Kb / 4P
   Relay connector, equipped with Siemens KAMMRELAIS 짰, contacts (Ag): medium loads, 1 PDT, input voltage 42 V AC, with light indicator, can be plugged on basic termination blocks
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com