Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST-REL4-HW24 Fiches technique(PDF) 1 Page - PHOENIX CONTACT

No de pièce ST-REL4-HW24
Description  Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 2 PDT, input voltage 24 V AC, with light indicator, can be plugged on basic termination blocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

ST-REL4-HW24 Fiches technique(HTML) 1 Page - PHOENIX CONTACT

  ST-REL4-HW24 Datasheet HTML 1Page - PHOENIX CONTACT ST-REL4-HW24 Datasheet HTML 2Page - PHOENIX CONTACT ST-REL4-HW24 Datasheet HTML 3Page - PHOENIX CONTACT ST-REL4-HW24 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2823447
10/20/2014   Page 1 / 4
Relay connectors - ST-REL4-HW 24/21-21 - 2823447
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdO+Au): small to large loads, 2
PDT, input voltage 24 V AC, with light indicator, can be plugged on basic termination blocks
The illustration shows version ST-
REL 4-HG 24/21-21
 
Key commercial data
Packing unit
1 pc
GTIN
Weight per Piece (excluding packing)
72.67 GRM
Custom tariff number
85364190
Country of origin
Germany
Technical data
Dimensions
Width
27 mm
Height
33 mm
Depth
66.5 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Coil side
Nominal input voltage UN
24 V AC
Input voltage range in reference to UN
0.8 ... 1.1
Typical input current at UN
75 mA
Typical response time
4 ms ... 15 ms (with AC)


Numéro de pièce similaire - ST-REL4-HW24

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
ST-REL4-HW230 PHOENIX-ST-REL4-HW230 Datasheet
87Kb / 4P
   Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 2 PDT, input voltage 230 V AC, with light indicator, can be plugged on basic termination blocks
More results

Description similaire - ST-REL4-HW24

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
ST-REL7-HW24 PHOENIX-ST-REL7-HW24 Datasheet
69Kb / 4P
   Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 4 PDT, input voltage 24 V AC, with light indicator, can be plugged on basic termination blocks
ST-REL4-HW230 PHOENIX-ST-REL4-HW230 Datasheet
87Kb / 4P
   Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 2 PDT, input voltage 230 V AC, with light indicator, can be plugged on basic termination blocks
ST-REL3-HW24 PHOENIX-ST-REL3-HW24 Datasheet
77Kb / 4P
   Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 1 PDT, input voltage 24 V AC, with light indicator, can be plugged on basic termination blocks
ST-REL3-HW230 PHOENIX-ST-REL3-HW230 Datasheet
77Kb / 4P
   Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 1 PDT, input voltage 230 V AC, with light indicator, can be plugged on basic termination blocks
ST-REL3-HW42 PHOENIX-ST-REL3-HW42 Datasheet
78Kb / 4P
   Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 1 PDT, input voltage 42 V AC, with light indicator, can be plugged on basic termination blocks
ST-REL7-HW120 PHOENIX-ST-REL7-HW120 Datasheet
70Kb / 4P
   Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 4 PDT, input voltage 120 V AC, with light indicator, can be plugged on basic termination blocks
ST-REL7-HW230 PHOENIX-ST-REL7-HW230 Datasheet
69Kb / 4P
   Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 4 PDT, input voltage 230 V AC, with light indicator, can be plugged on basic termination blocks
ST-REL4-HG48 PHOENIX-ST-REL4-HG48 Datasheet
87Kb / 4P
   Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 2 PDT, input voltage 48 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL4-HG220 PHOENIX-ST-REL4-HG220 Datasheet
87Kb / 4P
   Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 2 PDT, input voltage 220 V DC, with light indicator, can be plugged on basic termination blocks
ST-REL7-HG24 PHOENIX-ST-REL7-HG24 Datasheet
104Kb / 5P
   Relay connector, equipped with Hengstler miniature round relay, contacts (AgCdOAu): small to large loads, 4 PDT, input voltage 24 V DC, with light indicator, can be plugged on basic termination blocks
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com