Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS6578CSTB Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce SS6578CSTB
Description  HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SS6578CSTB Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SS6578CSTB Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6578CSTB Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6578CSTB Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6578CSTB Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6578CSTB Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6578CSTB Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6578CSTB Datasheet HTML 9Page - List of Unclassifed Manufacturers SS6578CSTB Datasheet HTML 10Page - List of Unclassifed Manufacturers SS6578CSTB Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.SiliconStandard.com
9 of 11
SS6578
VIN
1
DUTY
2
SHDN
3
FB
4
GND
5
DRI
6
CS-
7
CS+
8
U1 SS6578
R3
47K
R4
27K
C2
0.1uF
+VIN = 5~18V
+VOUT, 3.3V
Rs
+
C4
470
µF
D1
SS32
+
C1
100
µF
L1
33
µH
R6
1M
Q1
SSM4435
R7
*
Q2
R1
3K3
C3
1
µF
D2
LL4148
R2
100K
<15V
***
*
VIN>15V, R7=15Ω
VIN≤15V, R7=0Ω*
***
R6 can adjust the duty cycle max. It can be 0
Fig 11. DC/DC Buck Converter VOUT=3.3V
B. Short Circuit Protection Design
1.
As
we
know,
Short
Circuit
Protection
(abbreviated as SCP) does not always exist in
the DC-DC converter circuit. The fact is usually
the DC-DC converter provides the circuits
attached to VOUT with low power or low
voltage. Sometimes there is less concern about
safety, as the probability of short-circuit is
quite low. That gives users reasons to ignore
the use of an SCP circuit. However, we would still
like to point out the importance of the
protection. With SCP, the system will be well
protected in any situation. Two SCP circuits
are introduced as follows for your reference.
2.
Design1: shown as Fig. 12.
Method: Add a fast fuse to VOUT.
A fuse can be selected to pass
the start up current, but open quickly
with a large unexpected current. Of
course,
replacement
of
the
fuse
is needed after short circuit.
3.
Design 2: shown as Fig. 13.
Method: Add a SCP circuit
Note: 1. The time constant, which is
directly related to R1 and C1,
has a serious effect on the
circuit.
2. Circuit can be recovered by
removing the short circuit
event from the system.
3. The condition for applying
this design is VOUT ≥3V.
Rev.2.02 4/06/2004


Numéro de pièce similaire - SS6578CSTB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS6578CSTB SSC-SS6578CSTB Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
More results

Description similaire - SS6578CSTB

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
logo
Cypress Semiconductor
MB39C502 CYPRESS-MB39C502 Datasheet
1Mb / 46P
   High Efficiency Step Down DC/DC Controller Datasheet
logo
Maxim Integrated Produc...
MAX746 MAXIM-MAX746 Datasheet
157Kb / 16P
   High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
19-0192; Rev 1; 11/93
logo
Torex Semiconductor
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
Linear Technology
LTC1771 LINER-LTC1771_1 Datasheet
237Kb / 16P
   10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
LTC1771 LINER-LTC1771 Datasheet
205Kb / 16P
   Low Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
Maxim Integrated Produc...
MAX747 MAXIM-MAX747 Datasheet
136Kb / 12P
   High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
19-0171; Rev 1; 9/93
logo
Linear Technology
LTC1771 LINER-LTC1771_15 Datasheet
243Kb / 16P
   10A Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com