Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS6578 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce SS6578
Description  HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SS6578 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SS6578 Datasheet HTML 2Page - List of Unclassifed Manufacturers SS6578 Datasheet HTML 3Page - List of Unclassifed Manufacturers SS6578 Datasheet HTML 4Page - List of Unclassifed Manufacturers SS6578 Datasheet HTML 5Page - List of Unclassifed Manufacturers SS6578 Datasheet HTML 6Page - List of Unclassifed Manufacturers SS6578 Datasheet HTML 7Page - List of Unclassifed Manufacturers SS6578 Datasheet HTML 8Page - List of Unclassifed Manufacturers SS6578 Datasheet HTML 9Page - List of Unclassifed Manufacturers SS6578 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.SiliconStandard.com
6 of 11
SS6578
APPLICATION EXAMPLES
SS6578
CS+
CS-
DRI
DUTY
FB
GND
SHDN
VIN
*:Sumida MPP Core
5V
VOUT
VIN
6.4 ~ 18V
33
µH
+
15.4K
R2
47K
R1
330
µF
C3
GS SS32
D1
+
*L1
Q1
C1
C2
RS
*R7
VIN>15V, R7=15Ω
VIN≤15V, R7=0Ω
Load Current (mA)
Efficiency vs. Load Current
100
10
100
1000
80
85
90
95
VIN=6.4
V
VIN=9V
VIN=16
V
VOUT=5V
Fig. 7 5V Step-Down Converter
SS6578
CS+
CS-
DRI
DUTY
FB
GND
SHDN
VIN
*:Sumida MPP Core
5V
VOUT
VIN
12 ~ 18V
33
µH
+
27.4K
R2
47K
R1
330
µF
C3
GS SS32
D1
+
*L1
Q1
C1
C2
RS
R1**
680
6.8V
D2
VIN>15V, R7=15Ω
VIN≤15V, R7=0Ω
R7
**R1 value is based on the
current rating of D2
Load Current (mA)
Efficiency vs. Load Current
95
10
10
1000
75
80
85
90
VOUT=3.3V
VIN=16V
Fig. 8 3.3V Step-Down Converter
Rev.2.02 4/06/2004


Numéro de pièce similaire - SS6578

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
SS6578CNTB SSC-SS6578CNTB Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
SS6578CNTR SSC-SS6578CNTR Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
SS6578CSTB SSC-SS6578CSTB Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
SS6578CSTR SSC-SS6578CSTR Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
More results

Description similaire - SS6578

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
logo
Cypress Semiconductor
MB39C502 CYPRESS-MB39C502 Datasheet
1Mb / 46P
   High Efficiency Step Down DC/DC Controller Datasheet
logo
Maxim Integrated Produc...
MAX746 MAXIM-MAX746 Datasheet
157Kb / 16P
   High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
19-0192; Rev 1; 11/93
logo
Torex Semiconductor
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
XC9303 TOREX-XC9303_1 Datasheet
908Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
logo
Linear Technology
LTC1771 LINER-LTC1771_1 Datasheet
237Kb / 16P
   10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
LTC1771 LINER-LTC1771 Datasheet
205Kb / 16P
   Low Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
Maxim Integrated Produc...
MAX747 MAXIM-MAX747 Datasheet
136Kb / 12P
   High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
19-0171; Rev 1; 9/93
logo
Linear Technology
LTC1771 LINER-LTC1771_15 Datasheet
243Kb / 16P
   10A Quiescent Current High Efficiency Step-Down DC/DC Controller
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com