Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5364-F-BC Fiches technique(PDF) 4 Page - Silicon Laboratories

No de pièce SI5364-F-BC
Description  SONET/SDH PRECISION PORT CARD CLOCK IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILABS [Silicon Laboratories]
Site Internet  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5364-F-BC Fiches technique(HTML) 4 Page - Silicon Laboratories

  SI5364-F-BC Datasheet HTML 1Page - Silicon Laboratories SI5364-F-BC Datasheet HTML 2Page - Silicon Laboratories SI5364-F-BC Datasheet HTML 3Page - Silicon Laboratories SI5364-F-BC Datasheet HTML 4Page - Silicon Laboratories SI5364-F-BC Datasheet HTML 5Page - Silicon Laboratories SI5364-F-BC Datasheet HTML 6Page - Silicon Laboratories SI5364-F-BC Datasheet HTML 7Page - Silicon Laboratories SI5364-F-BC Datasheet HTML 8Page - Silicon Laboratories SI5364-F-BC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Si5364
4
Rev. 2.2
1. Electrical Specifications
Table 1. Recommended Operating Conditions1
Parameter
Symbol
Test Condition
Min1
Typ
Max1
Unit
Ambient Temperature
TA
–202
25
85
°C
Si5364 Supply Voltage3
When Using 3.3 V Supply
VDD33
3.135
3.3
3.465
V
Notes:
1. All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
2. The Si5364 is guaranteed by design to operate at –40
°C. All electrical specifications are guaranteed for an ambient
temperature of –20° C to 85° C.
3. The Si5364 specifications are guaranteed when using the recommended application circuit (including component
tolerance of Figure 7 on page 15.


Numéro de pièce similaire - SI5364-F-BC

FabricantNo de pièceFiches techniqueDescription
logo
Solid State Optronic
SI5364-EVB SSOUSA-SI5364-EVB Datasheet
1Mb / 14P
   EVALUATION BOARD FOR Si5364 SONET/SDH PRECISION PORT CARD CLOCK IC
logo
Silicon Laboratories
SI5364-EVB SILABS-SI5364-EVB Datasheet
1Mb / 14P
   Differential inputs terminated on board
More results

Description similaire - SI5364-F-BC

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 SILABS-SI5320 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
logo
Solid State Optronic
SI5364-EVB SSOUSA-SI5364-EVB Datasheet
1Mb / 14P
   EVALUATION BOARD FOR Si5364 SONET/SDH PRECISION PORT CARD CLOCK IC
logo
List of Unclassifed Man...
SI5320-EVB ETC1-SI5320-EVB Datasheet
754Kb / 18P
   EVALUATION BOARD FOR Si5320 SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Zarlink Semiconductor I...
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com