Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N02L163WN1AB1 Fiches technique(PDF) 6 Page - NanoAmp Solutions, Inc.

No de pièce N02L163WN1AB1
Description  2Mb Ultra-Low Power Asynchronous CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NANOAMP [NanoAmp Solutions, Inc.]
Site Internet  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02L163WN1AB1 Fiches technique(HTML) 6 Page - NanoAmp Solutions, Inc.

Back Button N02L163WN1AB1 Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02L163WN1AB1 Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02L163WN1AB1 Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02L163WN1AB1 Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02L163WN1AB1 Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02L163WN1AB1 Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02L163WN1AB1 Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02L163WN1AB1 Datasheet HTML 9Page - NanoAmp Solutions, Inc. N02L163WN1AB1 Datasheet HTML 10Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
(DOC# 14-02-014 REV L ECN# 01-1000)
6
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02L163WN1A
Timing Test Conditions
Item
Input Pulse Level
0.1VCC to 0.9 VCC
Input Rise and Fall Time
5ns
Input and Output Timing Reference Levels
0.5 VCC
Output Load
CL = 30pF
Operating Temperature
-40 to +85 oC
Timing
Item
Symbol
2.3 - 3.6 V
2.7 - 3.6 V
Units
Min.
Max.
Min.
Max.
Read Cycle Time
tRC
70
55
ns
Address Access Time
tAA
70
55
ns
Chip Enable to Valid Output
tCO
70
55
ns
Output Enable to Valid Output
tOE
35
30
ns
Byte Select to Valid Output
tLB, tUB
35
30
ns
Chip Enable to Low-Z output
tLZ
10
10
ns
Output Enable to Low-Z Output
tOLZ
55
ns
Byte Select to Low-Z Output
tLBZ, tUBZ
10
10
ns
Chip Disable to High-Z Output
tHZ
0200
20
ns
Output Disable to High-Z Output
tOHZ
0200
20
ns
Byte Select Disable to High-Z Output
tLBHZ, tUBHZ
0200
20
ns
Output Hold from Address Change
tOH
10
10
ns
Write Cycle Time
tWC
70
55
ns
Chip Enable to End of Write
tCW
50
40
ns
Address Valid to End of Write
tAW
50
40
ns
Byte Select to End of Write
tLBW, tUBW
50
40
ns
Write Pulse Width
tWP
40
40
ns
Address Setup Time
tAS
00
ns
Write Recovery Time
tWR
00
ns
Write to High-Z Output
tWHZ
20
20
ns
Data to Write Time Overlap
tDW
40
35
ns
Data Hold from Write Time
tDH
00
ns
End Write to Low-Z Output
tOW
10
10
ns


Numéro de pièce similaire - N02L163WN1AB1

FabricantNo de pièceFiches techniqueDescription
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB NANOAMP-N02L163WC2AB Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB2 NANOAMP-N02L163WC2AB2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT NANOAMP-N02L163WC2AT Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT2 NANOAMP-N02L163WC2AT2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
More results

Description similaire - N02L163WN1AB1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
ON Semiconductor
N02L63W3A ONSEMI-N02L63W3A Datasheet
664Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16bit
July 2008 - Rev. 15
logo
NanoAmp Solutions, Inc.
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com