Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N02L163WN1AB Fiches technique(PDF) 1 Page - NanoAmp Solutions, Inc.

No de pièce N02L163WN1AB
Description  2Mb Ultra-Low Power Asynchronous CMOS SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NANOAMP [NanoAmp Solutions, Inc.]
Site Internet  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N02L163WN1AB Fiches technique(HTML) 1 Page - NanoAmp Solutions, Inc.

  N02L163WN1AB Datasheet HTML 1Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 2Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 3Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 4Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 5Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 6Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 7Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 8Page - NanoAmp Solutions, Inc. N02L163WN1AB Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
NanoAmp Solutions, Inc.
1982 Zanker Road, San Jose, CA 95112
ph: 408-573-8878, FAX: 408-573-8877
www.nanoamp.com
N02L163WN1A
(DOC# 14-02-014 REV L ECN# 01-1000)
1
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
2Mb Ultra-Low Power Asynchronous CMOS SRAM
128K × 16bit
Overview
The N02L163WN1A is an integrated memory
device containing a 2 Mbit Static Random Access
Memory organized as 131,072 words by 16 bits.
The device is designed and fabricated using
NanoAmp’s advanced CMOS technology to
provide both high-speed performance and ultra-low
power. The device operates with a single chip
enable (CE) control and output enable (OE) to
allow for easy memory expansion. Byte controls
(UB and LB) allow the upper and lower bytes to be
accessed independently. The N02L163WN1A is
optimal for various applications where low-power is
critical such as battery backup and hand-held
devices. The device can operate over a very wide
temperature range of -40oC to +85oC and is
available in JEDEC standard packages compatible
with other standard 128Kb x 16 SRAMs.
Features
• Single Wide Power Supply Range
2.3 to 3.6 Volts
• Very low standby current
2.0µA at 3.0V (Typical)
• Very low operating current
2.0mA at 3.0V and 1µs (Typical)
• Very low Page Mode operating current
0.8mA at 3.0V and 1µs (Typical)
• Simple memory control
Single Chip Enable (CE)
Byte control for independent byte operation
Output Enable (OE) for memory expansion
• Low voltage data retention
Vcc = 1.8V
• Very fast output enable access time
30ns OE access time
• Automatic power down to standby mode
• TTL compatible three-state output driver
• Compact space saving BGA package avail-
able
Product Family
Part Number
Package Type
Operating
Temperature
Power
Supply
(Vcc)
Speed
Standby
Current (ISB),
Typical
Operating
Current (Icc),
Typical
N02L163WN1AB
48 - BGA
-40oC to +85oC 2.3V - 3.6V
55ns @ 2.7V
70ns @ 2.3V
2
µA2 mA @ 1MHz
N02L163WN1AT
44 - TSOP II
N02L163WN1AB1
48 - BGA Pb-Free
N02L163WN1AT2
44 - TSOP II Green


Numéro de pièce similaire - N02L163WN1AB

FabricantNo de pièceFiches techniqueDescription
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB NANOAMP-N02L163WC2AB Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AB2 NANOAMP-N02L163WC2AB2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT NANOAMP-N02L163WC2AT Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L163WC2AT2 NANOAMP-N02L163WC2AT2 Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
More results

Description similaire - N02L163WN1AB

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
N02L6181A ONSEMI-N02L6181A Datasheet
636Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
July 2008 - Rev. 4
logo
NanoAmp Solutions, Inc.
N02L1618C1A NANOAMP-N02L1618C1A Datasheet
261Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128Kx16 bit
logo
ON Semiconductor
N02L63W3A ONSEMI-N02L63W3A Datasheet
664Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16bit
July 2008 - Rev. 15
logo
NanoAmp Solutions, Inc.
N02M083WL1A NANOAMP-N02M083WL1A Datasheet
212Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L2A NANOAMP-N02M0818L2A Datasheet
215Kb / 8P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
N02M0818L1A NANOAMP-N02M0818L1A Datasheet
224Kb / 9P
   2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
ON Semiconductor
N02L63W2A ONSEMI-N02L63W2A Datasheet
659Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
July 2008 - Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com