Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTE613 Fiches technique(PDF) 1 Page - NTE Electronics

No de pièce NTE613
Description  Voltage Variable Capacitance Diode (Tuning Diode)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE613 Fiches technique(HTML) 1 Page - NTE Electronics

  NTE613 Datasheet HTML 1Page - NTE Electronics NTE613 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE610 thru NTE614
Voltage Variable Capacitance Diode
(Tuning Diode)
Description:
These diodes are designed for high volume requirements of FM Radio and TV tuning and AFC, gener-
al frequency control and tuning applications; providing solid–state reliability in replacement of me-
chanical tuning methods.
Features:
D High Q with Guaranteed Minimum Values
D Controlled and Uniform Tuning Ratio
D Standard Capacitance Tolerance – 10%
Absolute Maximum Ratings:
Reverse Voltage, VR
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Current, IF
200mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Device Dissipation (TA = 25°C), PD
280mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
2.8mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. The NTE611 & NTE612 are discontinued devices and no longer available.
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min Typ Max
Unit
Reverse Breakdown Voltage
V(BR)R
IR = 10µA
30
V
Reverse Voltatge Leakage Current
IR
VR = 25V, TA = +25°C
0.1
µA
Series Inductance
LS
f = 250MHz, Lead Length
∼ 1/16”
6
nH
Case Capacitance
CC
f = 1MHz, Lead Length
∼ 1/16”
0.18
pF
Diode Capacitance Temperature
Coefficient
TCC
VR = 4V, f = 1MHz
280
400 ppm/
°C
Diode Capacitance
NTE610
CT
VR = 4V, f = 1MHz
6.1
6.8
7.5
pF
NTE611
9.0
10.0 11.0
pF
NTE612
10.8 12.0 13.2
pF
NTE613
19.8 22.0 24.2
pF
NTE614
29.7 33.0 36.3
pF


Numéro de pièce similaire - NTE613

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
NTE61 NTE-NTE61 Datasheet
24Kb / 2P
   Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
NTE6102 NTE-NTE6102 Datasheet
21Kb / 2P
   Industrial Rectifier, 550A
NTE6109 NTE-NTE6109 Datasheet
21Kb / 2P
   Industrial Rectifier, 550A
NTE6110 NTE-NTE6110 Datasheet
16Kb / 2P
   Industrial Rectifier, 500 Amp
NTE6111 NTE-NTE6111 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 1100 Amp
More results

Description similaire - NTE613

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
1SV232 TOSHIBA-1SV232 Datasheet
117Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV262 TOSHIBA-1SV262 Datasheet
116Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV269 TOSHIBA-1SV269 Datasheet
118Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV282 TOSHIBA-1SV282 Datasheet
110Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV303 TOSHIBA-1SV303 Datasheet
84Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV217 TOSHIBA-1SV217 Datasheet
119Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV231 TOSHIBA-1SV231 Datasheet
117Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV288 TOSHIBA-1SV288 Datasheet
78Kb / 1P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV215 TOSHIBA-1SV215 Datasheet
109Kb / 2P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
1SV290 TOSHIBA-1SV290 Datasheet
77Kb / 1P
   VARIABLE CAPACITANCE DIODE (CATV TUNING)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com