Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCA0309 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce LCA0309
Description  Carbon Film Resistors, Standard
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCA0309 Fiches technique(HTML) 2 Page - Vishay Siliconix

  LCA0309 Datasheet HTML 1Page - Vishay Siliconix LCA0309 Datasheet HTML 2Page - Vishay Siliconix LCA0309 Datasheet HTML 3Page - Vishay Siliconix LCA0309 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
97
Document Number 20135
Revision 03-Sep-03
LCA.... / SK.
Vishay Draloric
For Technical Questions, contact ff1aresistors@vishay.com
DIMENSIONS
1) Also available in 26mm tape spacing
2) Also available in 73mm spacing
• Taping in acc. with IEC60286-1
• D and L measured in acc. with IEC60294
• d according to IEC60301
* 9mm for SK5
PACKAGING
MODEL
REEL
BOX
PIECES / REEL
MIN. ORDER QTY
PIECES / BOX
MIN. ORDER QTY
CODE
PACKAGING UNITS
CODE
PACKAGING UNITS
LCA0204/SK1
5000
R5
1
5000
A5
1
2000
A2
1
LCA0207/SK2
5000
R5
1
5000
A5
1
2000
A2
1
LCA0309
2500
RE
1
5000
A5
1
2000
A2
1
LCA0411 / SC4
2500
RE
1
1000
A1
1
LCA0414
2000
R2
1
1000
A1
1
SK4
2500
RE
1
1000
A1
1
LCA0617
1000
R1
1
1000
A1
1
LCA0719
500
RC
4
500
AC
4
SK5
1500
RP
1
1000
A1
1
LCA0922
500
RC
2
250
AB
4
LCA0933
500
RC
2
250
AB
4
MODEL
DIMENSIONS [in millimeters]
D max.
L
L1
Bd
e
LCA0204/SK1
1.6 -0.3
3.6 -0.4
5.0
53 ±1
0.5
5.0
LCA0207/SK2
2.4 -0.3
6.1 -0.5
8.1
53 ±1
1)
0.6
7.5
LCA0309
3.0 -0.4
8.1 -0.6
10.1
53 ±1
1)
0.7
10.0
LCA0411/SC4
3.7 -0.4
10.5 -0.6
12.5
53 ±1
2)
0.7
12.5
LCA0414
4.2 -0.5
12.2 -0.7
14.2
53 ±1
2)
0.8
15.0
SK4
4.1 -0.5
12.0 -1.5
14.2
73 ±1
2)
0.8
15.0
LCA0617
5.0 -0.5
15.3 -0.8
18.3
83 ±1
0.8
17.5
LCA0719
6.5 -0.5
18.5 -0.8
21.5
83 ±1
0.8
22.5
SK5
6.0 -0.5
16.5 -1.5
20.5
77 ±1
0.8
15.0
LCA0922
8.3 -0.6
21.4 -0.9
24.4
83 ±1
0.8
25.0
LCA0933
8.3 -0.6
31.4 -0.9
34.4
83 ±1
0.8
35.0
Carbon Film Resistors, Standard
300
200
100
0
0
0.5
1.0
1.5
2.0
2.5
POWER IN W
120
100
80
60
40
20
0
- 55
- 25
0
25
50
75
100
125
155 175
200
70
AMBIENT TEMP. IN ˚C
DERATING
TEMPERATURE RISE
0204 0207 0309 0411 0414 0617
0719
0922 0933
L
1
L
d
D
B
e
6 mm*


Numéro de pièce similaire - LCA0309

FabricantNo de pièceFiches techniqueDescription
logo
Protek Devices
LCA05C PROTEC-LCA05C Datasheet
196Kb / 5P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C Datasheet
679Kb / 7P
   High powered multi-line tvs array
LCA05C PROTEC-LCA05C Datasheet
697Kb / 7P
   HIGH POWERED MULTI-LINE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
More results

Description similaire - LCA0309

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
CFA0207 VISHAY-CFA0207 Datasheet
90Kb / 2P
   Carbon Film Resistors, Standard
Revision 05-Jun-03
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
   Carbon Film Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
   Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
   Carbon Film Resistors
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
   Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
   Carbon Film Resistors
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
   Carbon Film Resistors
logo
NIC-Components Corp.
NCF25J181 NIC-NCF25J181 Datasheet
64Kb / 2P
   Carbon Film Resistors
logo
Dubilier
DCR255T10K DUBILIER-DCR255T10K Datasheet
126Kb / 2P
   RESISTORS CARBON FILM DCR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com