Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA7806AF Fiches technique(PDF) 8 Page - KEC(Korea Electronics)

No de pièce KIA7806AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7806AF Fiches technique(HTML) 8 Page - KEC(Korea Electronics)

Back Button KIA7806AF Datasheet HTML 4Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 5Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 6Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 7Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 8Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 9Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 10Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 11Page - KEC(Korea Electronics) KIA7806AF Datasheet HTML 12Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
2002. 9. 24
8/17
KIA7805AF~KIA7824AF
Revision No : 2
KIA7815AF
ELECTRICAL CHARACTERISTICS (VIN=23V, IOUT=500mA, 0
Tj 125 )
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25 , IOUT=100mA
14.4
15.0
15.6
V
Input Regulation
Reg line
1
Tj=25
17.5V VIN 30V
-
11
300
mV
20V VIN 26V
-
3
150
Load Regulation
Reg load
1
Tj=25
5mA IOUT 1.4A
-
12
300
mV
250mA IOUT 750mA
-
4
150
Output Voltage
VOUT
1
17.5V VIN 30V
5.0mA IOUT 1.0A, Po 15W
14.25
-
15.75
V
Quiescent Current
IB
1
Tj=25 , IOUT=5mA
-
4.4
8.0
mA
Quiescent Current Change
IB
1
17.5V VIN 30V
-
-
1.0
mA
Output Noise Voltage
VNO
1
Ta=25 , 10Hz f 100kHz
IOUT=50mA
-
110
-
Vrms
Ripple Rejection Ratio
RR
1
f=120Hz, 18.5V VIN 28.5V,
IOUT=50mA, Tj=25
54
70
-
dB
Dropout Voltage
VD
1
IOUT=1.0A, Tj=25
-
2.0
-
V
Short Circuit Current Limit
ISC
1
Tj=25
-
0.5
-
A
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA, 0
Tj 125
-
-2.0
-
mV/


Numéro de pièce similaire - KIA7806AF

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA7806AF KEC-KIA7806AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7806AF KEC-KIA7806AF Datasheet
1Mb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7806AF/API KEC-KIA7806AF/API Datasheet
451Kb / 20P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7806AF/API KEC-KIA7806AF/API Datasheet
1Mb / 20P
   SEMICONDUCTOR
More results

Description similaire - KIA7806AF

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com