Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICL7650SCBA-1 Fiches technique(PDF) 13 Page - Renesas Technology Corp

No de pièce ICL7650SCBA-1
Description  2MHz, Super Chopper-Stabilized Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7650SCBA-1 Fiches technique(HTML) 13 Page - Renesas Technology Corp

Back Button ICL7650SCBA-1 Datasheet HTML 5Page - Renesas Technology Corp ICL7650SCBA-1 Datasheet HTML 6Page - Renesas Technology Corp ICL7650SCBA-1 Datasheet HTML 7Page - Renesas Technology Corp ICL7650SCBA-1 Datasheet HTML 8Page - Renesas Technology Corp ICL7650SCBA-1 Datasheet HTML 9Page - Renesas Technology Corp ICL7650SCBA-1 Datasheet HTML 10Page - Renesas Technology Corp ICL7650SCBA-1 Datasheet HTML 11Page - Renesas Technology Corp ICL7650SCBA-1 Datasheet HTML 12Page - Renesas Technology Corp ICL7650SCBA-1 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
FN2920 Rev 10.00
Page 13 of 13
April 12, 2007
ICL7650S
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2002-2007. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Small Outline Plastic Packages (SOIC)
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
µ
0.25(0.010)
B
M
M
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per
side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.0532
0.0688
1.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.0075
0.0098
0.19
0.25
-
D
0.1890
0.1968
4.80
5.00
3
E
0.1497
0.1574
3.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.2284
0.2440
5.80
6.20
-
h
0.0099
0.0196
0.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N8
8
7
-
Rev. 1 6/05


Numéro de pièce similaire - ICL7650SCBA-1

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ICL7650SCBA-1 INTERSIL-ICL7650SCBA-1 Datasheet
144Kb / 14P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650SCBA-1 INTERSIL-ICL7650SCBA-1 Datasheet
321Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650SCBA-1 INTERSIL-ICL7650SCBA-1 Datasheet
328Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650SCBA-1T INTERSIL-ICL7650SCBA-1T Datasheet
321Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650SCBA-1T INTERSIL-ICL7650SCBA-1T Datasheet
328Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
More results

Description similaire - ICL7650SCBA-1

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ICL7650S INTERSIL-ICL7650S Datasheet
144Kb / 14P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650-SCPD INTERSIL-ICL7650-SCPD Datasheet
328Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650S INTERSIL-ICL7650S_07 Datasheet
321Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
[Old version datasheet]   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Maxim Integrated Produc...
MAX430 MAXIM-MAX430 Datasheet
389Kb / 8P
   짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com