Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICL7650S Fiches technique(PDF) 6 Page - Renesas Technology Corp

No de pièce ICL7650S
Description  2MHz, Super Chopper-Stabilized Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7650S Fiches technique(HTML) 6 Page - Renesas Technology Corp

Back Button ICL7650S Datasheet HTML 2Page - Renesas Technology Corp ICL7650S Datasheet HTML 3Page - Renesas Technology Corp ICL7650S Datasheet HTML 4Page - Renesas Technology Corp ICL7650S Datasheet HTML 5Page - Renesas Technology Corp ICL7650S Datasheet HTML 6Page - Renesas Technology Corp ICL7650S Datasheet HTML 7Page - Renesas Technology Corp ICL7650S Datasheet HTML 8Page - Renesas Technology Corp ICL7650S Datasheet HTML 9Page - Renesas Technology Corp ICL7650S Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ICL7650S
FN2920 Rev 10.00
Page 6 of 13
April 12, 2007
PIN COMPATIBILITY
The basic pinout of the 8-pin device corresponds, where
possible, to that of the industry standard 8-pin devices, the
LM741, LM101, etc. The null-storing external capacitors are
connected to pins 1 and 8, usually used for offset null or
compensation capacitors, or simply not connected. In the
case of the OP-05 and OP-07 devices, the replacement of
the offset-null pot, connected between pins 1 and 8 and V+,
by two capacitors from those pins to pin 5, will provide easy
compatibility. As for the LM108, replacement of the
compensation capacitor between pins 1 and 8 by the two
capacitors to pin 5 is all that is necessary. The same
operation, with the removal of any connection to pin 5, will
suffice for the LM101,
A748, and similar parts.
The 14-pin device pinout corresponds most closely to that of
the LM108 device, owing to the provision of “NC” pins for
guarding between the input and all other pins. Since this
device does not use any of the extra pins, and has no
provision for offset-nulling, but requires a compensation
capacitor, some changes will be required in layout to convert
it to the ICL7650S.
Typical Applications
Clearly the applications of the ICL7650S will mirror those of
other op amps. Anywhere that the performance of a circuit
can be significantly improved by a reduction of input-offset
voltage and bias current, the ICL7650S is the logical choice.
Basic non-inverting and inverting amplifier circuits are shown
in Figures 2 and 3. Both circuits can use the output clamping
circuit to enhance the overload recovery performance. The
only limitations on the replacement of other op amps by the
ICL7650S are the supply voltage (
8V Max) and the output
drive capability (10k
 load for full swing). Even these
limitations can be overcome using a simple booster circuit,
as shown in Figure 4, to enable the full output capabilities of
the LM741 (or any other standard device) to be combined
with the input capabilities of the ICL7650S. The pair form a
composite device, so loop gain stability, when the feedback
network is added, should be watched carefully.
Figure 5 shows the use of the clamp circuit to advantage in a
zero-offset comparator. The usual problems in using a
chopper stabilized amplifier in this application are avoided,
since the clamp circuit forces the inverting input to follow the
input signal. The threshold input must tolerate the output
clamp current
 VlN/R without disturbing other portions of the
system.
The pin configuration of the 14 pin dual in-line package is
designed to facilitate guarding, since the pins adjacent to the
inputs are not used (this is different from the standard 741 and
101A pin configuration, but corresponds to that of the LM108).
FIGURE 1A. INVERTING AMPLIFIER
FIGURE 1B. FOLLOWER
FIGURE 1C. NON-INVERTING AMPLIFIER
FIGURE 1. CONNECTION OF INPUT GUARDS
+
-
INPUT
R1
R2
OUTPUT
+
-
INPUT
OUTPUT
+
-
INPUT
R1
R2
OUTPUT
R1 R2
R1 R2
+
----------------------
NOTE:
SHOULD BE LOW
IMPEDANCE FOR
OPTIMUM GUARDING
7650S
+
-
0.1
F
OUTPUT
C
R
C
R2
R1
R3
CLAMP
INPUT
0.1
F
R3 + (R1||R2)  100k
For Full Clamp Effect
NOTE: R1||R2 indicates the parallel combination of R1 and R2.
FIGURE 2. NON INVERTING AMPLIFIER WITH OPTIONAL CLAMP


Numéro de pièce similaire - ICL7650S

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ICL7650S INTERSIL-ICL7650S Datasheet
144Kb / 14P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650S INTERSIL-ICL7650S Datasheet
321Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650SCBA-1 INTERSIL-ICL7650SCBA-1 Datasheet
144Kb / 14P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650SCBA-1 INTERSIL-ICL7650SCBA-1 Datasheet
321Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650SCBA-1 INTERSIL-ICL7650SCBA-1 Datasheet
328Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
More results

Description similaire - ICL7650S

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ICL7650S INTERSIL-ICL7650S Datasheet
144Kb / 14P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650-SCPD INTERSIL-ICL7650-SCPD Datasheet
328Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
ICL7650S INTERSIL-ICL7650S_07 Datasheet
321Kb / 13P
   2MHz, Super Chopper-Stabilized Operational Amplifier
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
   CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
[Old version datasheet]   CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650 MICROCHIP-TC7650 Datasheet
457Kb / 14P
   Chopper Stabilized Operational Amplifier
2002
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Maxim Integrated Produc...
MAX430 MAXIM-MAX430 Datasheet
389Kb / 8P
   짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com