Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DVMC28 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce DVMC28
Description  HIGH RELIABILITY HYBRID EMI FILTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

DVMC28 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  DVMC28 Datasheet HTML 1Page - List of Unclassifed Manufacturers DVMC28 Datasheet HTML 2Page - List of Unclassifed Manufacturers DVMC28 Datasheet HTML 3Page - List of Unclassifed Manufacturers DVMC28 Datasheet HTML 4Page - List of Unclassifed Manufacturers DVMC28 Datasheet HTML 5Page - List of Unclassifed Manufacturers DVMC28 Datasheet HTML 6Page - List of Unclassifed Manufacturers DVMC28 Datasheet HTML 7Page - List of Unclassifed Manufacturers DVMC28 Datasheet HTML 8Page - List of Unclassifed Manufacturers DVMC28 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DVMC28 Series
10015DSD
2
SPECIFICATIONS (T
CASE = -55°C to +125°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Storage Temperature
-65°C to +150°C
Input Voltage (Transient, 1 second)
80 Volts
Lead Solder Temperature (10 seconds)
300°C
Output Current
4.0 Amps
Weight (Maximum) (Un-Flanged / Flanged)
(47 / 51) Grams
Power Dissipation (Full Load, TCASE = +125°C)
2.4 Watts
DVMC28
Parameter
Conditions
Min
Typ
Max
Units
STATIC
Continuous
0
28
50
V
INPUT
Voltage
2
Transient, 1 sec
-
-
80
V
Current
1,3
Continuous
0
-
4.0
A
OUTPUT
Voltage
Continuous
VOUT = VIN – (IIN x RDC)
V
Current
3
Continuous
0
-
4.0
A
DC RESISTANCE
Continuous
-
-
150
mΩ
POWER DISSIPATION
2
Continuous
-
-
2.4
W
NOISE REJECTION
f = 500 kHz
40
-
-
dB
CAPACITANCE
Pin to Case
30
-
50
nF
ISOLATION
Any Pin to Case, 500 VDC
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
-
2.20
-
MHrs
Notes: 1. Derate linearly to 0 at 135°C.
2. Verified by qualification testing.
3. Rated current applies at any voltage.
BLOCK DIAGRAM
28V IN
PIN 1
IN COM
PIN 5
CASE
PIN 3
28V OUT
PIN 2
OUT COM
PIN 4
Figure 2


Numéro de pièce similaire - DVMC28

FabricantNo de pièceFiches techniqueDescription
logo
VPT, Inc.
DVMC28 VPT-DVMC28 Datasheet
498Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28FES VPT-DVMC28FES Datasheet
498Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28FH VPT-DVMC28FH Datasheet
498Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28FHB VPT-DVMC28FHB Datasheet
498Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMC28FK VPT-DVMC28FK Datasheet
498Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
More results

Description similaire - DVMC28

FabricantNo de pièceFiches techniqueDescription
logo
VPT, Inc.
DVMA28 VPT-DVMA28 Datasheet
515Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
Delta Electronics, Inc.
DVME28 DELTA-DVME28 Datasheet
265Kb / 13P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
VPT, Inc.
DVMC28 VPT-DVMC28 Datasheet
498Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 VPT-DVMSA28 Datasheet
337Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
Delta Electronics, Inc.
DV-704A DELTA-DV-704A Datasheet
344Kb / 12P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMD28 DELTA-DVMD28 Datasheet
293Kb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVMSA28 DELTA-DVMSA28 Datasheet
317Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
VPT, Inc.
DVMD28 VPT-DVMD28 Datasheet
1Mb / 11P
   HIGH RELIABILITY HYBRID EMI FILTERS
DVME28 VPT-DVME28 Datasheet
249Kb / 16P
   HIGH RELIABILITY HYBRID EMI FILTERS
logo
List of Unclassifed Man...
DVMA28 ETC-DVMA28 Datasheet
310Kb / 9P
   HIGH RELIABILITY HYBRID EMI FILTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com