Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA-5102 Fiches technique(PDF) 2 Page - Renesas Technology Corp

No de pièce HA-5102
Description  Dual and Quad, 8MHz, Low Noise Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA-5102 Fiches technique(HTML) 2 Page - Renesas Technology Corp

  HA-5102 Datasheet HTML 1Page - Renesas Technology Corp HA-5102 Datasheet HTML 2Page - Renesas Technology Corp HA-5102 Datasheet HTML 3Page - Renesas Technology Corp HA-5102 Datasheet HTML 4Page - Renesas Technology Corp HA-5102 Datasheet HTML 5Page - Renesas Technology Corp HA-5102 Datasheet HTML 6Page - Renesas Technology Corp HA-5102 Datasheet HTML 7Page - Renesas Technology Corp HA-5102 Datasheet HTML 8Page - Renesas Technology Corp HA-5102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HA-5102, HA-5104
FN2925 Rev 9.00
Page 2 of 13
October 26, 2004
Absolute Maximum Ratings
Thermal Information
Supply Voltage Between V+ and V- Terminals . . . . . . . . . . . . . 40V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VSUPPLY
Output Short Circuit Duration (Note 3). . . . . . . . . . . . . . . . Indefinite
Operating Conditions
Temperature Range
HA-510X-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
HA-5104-9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 2)
JA (oC/W) JC (oC/W)
8 Lead CERDIP Package. . . . . . . . . . .
115
28
14 Lead CERDIP Package. . . . . . . . . .
75
20
SOIC Package . . . . . . . . . . . . . . . . . . .
100
N/A
Maximum Junction Temperature (Note 1, Hermetic Package) . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Maximum power dissipation, including output load, must be designed to maintain the maximum junction temperature below 175oC for hermetic
packages, and below 150oC for plastic packages.
2.
JA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
3. Any one amplifier may be shorted to ground indefinitely.
Electrical Specifications
VSUPPLY = 15V, Unless Otherwise Specified
PARAMETER
TEMP.
(oC)
HA-5102-2
HA-5104-2
HA-5104-9
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage
25
-
0.5
2.0
-
0.5
2.5
-
0.5
2.5
mV
Full
--
2.5
-
-
3.0
--
3.0
mV
Offset Voltage Average Drift
Full
-
3
-
-
3
-
-
3
-
V/oC
Bias Current
25
-
130
200
-
130
200
-
130
200
nA
Full
-
-
325
-
-
325
-
-
500
nA
Offset Current
25
-
30
75
-
30
75
-
30
75
nA
Full
-
-
125
-
-
125
-
-
125
nA
Input Resistance
25
-
500
-
-
500
-
-
500
-
k
Common Mode Range
Full
12
-
-
12
-
-
12
-
-
V
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain,
(VOUT = 5V, RL = 2k
25
100
250
-
100
250
-
80
250
-
kV/V
Full
100
-
-
100
-
-
80
-
-
kV/V
Common Mode Rejection Ratio (VCM = 5.0V)
Full
86
95
-
86
95
-
80
95
-
dB
Small Signal Bandwidth, (AV = 1)
25
-
8
-
-
8
-
-
8
-
MHz
Channel Separation (Note 4)
25
-
60
-
-
60
-
-
60
-
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
(RL = 10k)Full
12
13
-
12
13
-
12
13
-
V
(RL = 2k)Full
10
12
-
10
12
-
10
12
-
V
Output Current, (VOUT = 5V)
Full
10
15
-
10
15
-
7
15
-
mA
Full Power Bandwidth (Note 5)
25
16
47
-
16
47
-
16
47
-
kHz
Output Resistance
25
-
110
-
-
110
-
-
110
-
STABILITY
Minimum Stable Closed Loop Gain
Full
1
-
-
1
-
-
1
-
-
V/V
TRANSIENT RESPONSE
(Note 6)


Numéro de pièce similaire - HA-5102

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
HA-5102 INTERSIL-HA-5102 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
HA-5102/883 INTERSIL-HA-5102/883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
More results

Description similaire - HA-5102

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com