Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HA-5102 Fiches technique(PDF) 1 Page - Renesas Technology Corp

No de pièce HA-5102
Description  Dual and Quad, 8MHz, Low Noise Operational Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA-5102 Fiches technique(HTML) 1 Page - Renesas Technology Corp

  HA-5102 Datasheet HTML 1Page - Renesas Technology Corp HA-5102 Datasheet HTML 2Page - Renesas Technology Corp HA-5102 Datasheet HTML 3Page - Renesas Technology Corp HA-5102 Datasheet HTML 4Page - Renesas Technology Corp HA-5102 Datasheet HTML 5Page - Renesas Technology Corp HA-5102 Datasheet HTML 6Page - Renesas Technology Corp HA-5102 Datasheet HTML 7Page - Renesas Technology Corp HA-5102 Datasheet HTML 8Page - Renesas Technology Corp HA-5102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FN2925 Rev 9.00
Page 1 of 13
October 26, 2004
FN2925
Rev 9.00
October 26, 2004
HA-5102, HA-5104
Dual and Quad, 8MHz, Low Noise Operational Amplifiers
DATASHEET
Low noise and high performance are key words describing
HA-5102 and HA-5104. These general purpose amplifiers
offer an array of dynamic specifications including a 3V/
s
slew rate and 8MHz bandwidth. Complementing these
outstanding parameters is a very low noise specification of
4.3nV/
Hz at 1kHz.
Fabricated using the Intersil high frequency DI process,
these operational amplifiers also offer excellent input
specifications such as a 0.5mV offset voltage and 30nA
offset current. Complementing these specifications are
108dB open loop gain and 60dB channel separation.
Consuming a very modest amount of power (90mW/
package for duals and 150mW/package for quads),
HA-5102/04 also provide 15mA of output current.
This impressive combination of features make this series of
amplifiers ideally suited for designs ranging from audio
amplifiers and active filters to the most demanding signal
conditioning and instrumentation circuits.
These operational amplifiers are available in dual or quad
form with industry standard pinouts allowing for immediate
interchangeability with most other dual and quad operational
amplifiers.
HA-5102 Dual, Comp. HA-5104 Quad, Comp.
Refer to the /883 data sheet for military product.
Features
• Low Noise. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.3nV/
Hz
• Bandwidth. . . . . . . . . . . . . . . . . . . . 8MHz (Compensated)
• Slew Rate . . . . . . . . . . . . . . . . . . . . 3V/
s (Compensated)
• Low Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 0.5mV
• Available in Duals or Quads
Applications
• High Q, Active Filters
• Audio Amplifiers
• Instrumentation Amplifiers
• Integrators
• Signal Generators
• For Further Design Ideas, See Application Note AN554
Pinouts
HA-5102 (CERDIP)
TOP VIEW
HA-5104 (CERDIP)
TOP VIEW
HA5104 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
DWG. #
HA7-5102-2
-55 to 125
8 Ld CERDIP
F8.3A
HA1-5104-2
-55 to 125
14 Ld CERDIP
F14.3
HA9P5104-9
-40 to 85
16 Ld SOIC
M16.3
7
6
5
8
2
3
4
1
OUT1
V-
+IN1
-IN1
V+
OUT2
+IN2
-IN2
+-
+-
14
8
13
10
11
12
9
1
2
3
4
6
7
5
4
3
OUT1
+IN1
V+
+IN2
OUT2
-IN1
-IN2
OUT4
+IN4
V-
+IN3
OUT3
-IN4
-IN3
1
2
+-
+-
+-
+-
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
NC
OUT4
+IN4
V-
+IN3
OUT3
OUT1
OUT2
+IN1
+IN2
V+
NC
14
23
-IN1
-IN2
-IN4
-IN3
+-
+-
+-
+-


Numéro de pièce similaire - HA-5102

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
HA-5102 INTERSIL-HA-5102 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
HA-5102/883 INTERSIL-HA-5102/883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
   Dual, Low Noise, High Performance Operational Amplifier
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
More results

Description similaire - HA-5102

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
HA-5102 INTERSIL-HA-5102 Datasheet
498Kb / 16P
   Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers
April 1999
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
   Precision Single, Dual and Quad Low Noise Operational Amplifiers
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com