Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CFPT-5300 Fiches technique(PDF) 3 Page - Semtech Corporation

No de pièce CFPT-5300
Description  The CFPT-5300 series of temperature compensated crystal oscillators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

CFPT-5300 Fiches technique(HTML) 3 Page - Semtech Corporation

  CFPT-5300 Datasheet HTML 1Page - Semtech Corporation CFPT-5300 Datasheet HTML 2Page - Semtech Corporation CFPT-5300 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
78
Frequency
Frequency offset from
Frequency offset from
Frequency offset from
Frequency offset from
Frequency offset from
carrier: 10Hz
carrier: 100Hz
carrier: 1kHz
carrier: 10kHz
carrier: 100kHz
10.0MHz
–95 dBc/Hz
–120 dBc/Hz
–135 dBc/Hz
–140 dBc/Hz
–145 dBc/Hz
20.0MHz
–85 dBc/Hz
–110 dBc/Hz
–125 dBc/Hz
–135 dBc/Hz
–140 dBc/Hz
40.0MHz
–75 dBc/Hz
–100 dBc/Hz
–120 dBc/Hz
–130 dBc/Hz
–135 dBc/Hz
Phase Noise (typical figures)
Frequency Range
Supply Voltage
Output Waveform
Output levels
Rise Time(tr)
Fall Time (tf)
Duty Cycle
Model Number
1.25 to 40.0MHz
3.3V±10%
Square HCMOS
Voh > 90% Vs
8ns
8ns
45/55%
CFPT-5301
15pF
Vol < 10% Vs
1.25 to 40.0MHz
5.0V±10%
Square HCMOS
Voh
> 90% Vs
7ns
7ns
45/55%
CFPT-5302
15pF
Vol < 10% Vs
Electrical Specification - limiting values when measured in test circuit
Ordering Example
10.0MHz
CFPT-5301 FX A
Frequency
Model number
Frequency Stability Vs Operating Temperature Code
Frequency Adjustment Code
(For frequency adjustment codes see main text)
Note:* Codes may not be available for all frequencies
Frequency Stability Available Over Operating Temperature Ranges
Operating
Frequency Stabilities Vs Operating Temperature Range
Temperature
±0.3ppm
±0.5ppm
±0.8ppm
±1.0ppm
±1.5ppm
Ranges
0 to 70°C
Code AC*
Code EC
Code BC
Code FC
Code CC
–20 to 70°C
Code AS*
Code ES
Code BS
Code FS
Code CS
–30 to 75°C
Code EU*
Code BU
Code FU
Code CU
–40 to 85°C
Code EX*
Code BX
Code FX
Code CX
–55 to 95°C
Code FA*
Code CA*


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn