Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CFPT-5300 Fiches technique(PDF) 2 Page - Semtech Corporation

No de pièce CFPT-5300
Description  The CFPT-5300 series of temperature compensated crystal oscillators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

CFPT-5300 Fiches technique(HTML) 2 Page - Semtech Corporation

  CFPT-5300 Datasheet HTML 1Page - Semtech Corporation CFPT-5300 Datasheet HTML 2Page - Semtech Corporation CFPT-5300 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
77
Environmental Specification
I
Bump: IEC 60068-2-29, Test Eb, 4000 ±10 bumps at
390m/s2 in each of the three mutually perpendicular
axes
I
Shock: IEC 60068-2-27 Test Ea, 980m/s2 acceleration for
6ms duration, 3 shocks in each direction along
three
mutually perpendicular axes
I
Solderability: IEC 60068-2-20,Test T, method 1
(solder bath): Temperature 235°C
I
Vibration: IEC 60068-2-6 Test Fc Procedure B4,
10-60Hz 1.5mm displacement, 60-2000Hz at 98.1
m/s2, 30 minutes in each of three mutually
perpendicular axes at 1 octave per minute
I
Damp Heat (steady state): IEC 60068-2-3, Test Ca,
Duration 56 days
I
Robustness of Termination: IEC 60068-2-21, Test
Ua (tensile): Force 1Kg
I
Sealing: IEC 60068-2-17, Test Qc (gross) & test Qk (fine)
I
Marking: Heat cured epoxy ink, engraving or label
I
Immersion in Solvents: IEC 60068-2-45, Test Xa
Marking Includes
I
C-MAC
I
Part Number (E and four digits)
I
Frequency (MHz)
I
Pin 1 / Static sensitivity identified (Triangle)
I
Date Code and manufacturing location code (YYWWL)
Minimum Order Information Required
I
Frequency + Model Number + Frequency Stability Vs
Operating Temperature Code + Frequency Adjustment
Code
OR
I
Discrete part number for repeat orders
Please supply full information for non-standard options, if
required
Outline in mm
∅0.41
15.24
20.7 max
17
14
8
Output Waveform - HCMOS
t
90% (VoH-VoL)
10% (VoH-VoL)
50% (VoH-VoL)
0V
tr
tf
T
+Vs
Duty cycle = t x 100(%)
T
VoH
VoL
Test Circuit - HCMOS
A
V
Oscillator
7
14
8
Oscilloscope
Frequency counter
0.1
µF
15pF*
1
Voltage
Control
or
+Vs
Pin Connections
1. Frequency Adjust
(do not connect if
Frequency Adjust
option C has
been selected)
7.
GND
8. Output
14. +Vs


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn