Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL97801 Fiches technique(PDF) 13 Page - Renesas Technology Corp

No de pièce ISL97801
Description  High Power LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97801 Fiches technique(HTML) 13 Page - Renesas Technology Corp

Back Button ISL97801 Datasheet HTML 9Page - Renesas Technology Corp ISL97801 Datasheet HTML 10Page - Renesas Technology Corp ISL97801 Datasheet HTML 11Page - Renesas Technology Corp ISL97801 Datasheet HTML 12Page - Renesas Technology Corp ISL97801 Datasheet HTML 13Page - Renesas Technology Corp ISL97801 Datasheet HTML 14Page - Renesas Technology Corp ISL97801 Datasheet HTML 15Page - Renesas Technology Corp ISL97801 Datasheet HTML 16Page - Renesas Technology Corp ISL97801 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ISL97801
FN6428 Rev 1.00
Page 13 of 20
April 2, 2007
Over Temperature Shutdown
An internal sense circuit disables PWM switching if the die
temperature exceeds +135°C. Switching is re-enabled when
the temperature falls below +100°C.
Internal 5V LDO
An internal LDO between VIN and VDC regulates VDC to 5V,
to power control and gate drive circuits when VIN exceeds
5.1V. In normal operation decouple VDC with at least 3.3µF. In
applications where the input supply is less than 5.5V, VDC
should be tied directly to VIN.
LED Temperature Control
LED lifetime reduces dramatically with elevated temperature.
An over temperature control circuit utilizing the thermistor
voltage at TEMP reduces the LED bias current when VTEMP
exceeds the threshold voltage on TMAX. To minimize noise
injection use a potential divider between VDC and GND to set
the voltage on TMAX, as shown in Figure 34. The value of
TMAX for a specific threshold temperature is determined by
the choice of thermistor temperature coefficient. Disable the
function by connecting the TMAX pin to VDC and TEMP pin to
GND.
Component Selection
Input Capacitor
Switching regulators require input capacitors to deliver peak
charging current and to reduce the impedance of the input
supply. This reduces interaction between the regulator and
input supply, improving system stability. The high switching
frequency of the loop causes almost all ripple current to flow in
the input capacitor, which must be rated accordingly.
Considerably more input current ripple is generated in buck
mode than boost mode. In buck mode input current is
alternately switched between IOUT and zero. The rms current
flow in the input capacitor is given by:
Where: D = Duty Cycle
The input current is maximum for D = 0.5 and when IOUT
approaches current limit (2.4A) giving a value of around 1.2A.
A capacitor with low internal series resistance should be
chosen to minimize heating effects and improve system
efficiency, such as X5R or X7R ceramic capacitors, which offer
small size and a lower value of temperature and voltage
coefficient compared to other ceramic caps.
In boost mode input current flows continuously into the
inductor, with an AC ripple component proportional to the rate
of inductor charging only and smaller value input capacitors
may be used. It is recommended that an input capacitor of at
least 10µF be used. Ensure the voltage rating of the input
capacitor is suitable to handle the full supply range.
In automotive applications the input capacitor can be protected
from exposure to high voltages present during fault conditions
(load dump) by connecting it downstream of the fault protection
switch, as shown in Figures 39 and 40.
Inductor
Careful selection of inductor value will optimise circuit
operation. Inductor type and value influence many key
parameters, including ripple current, current limit, efficiency,
transient performance and stability. Internal slope
compensation has been optimised for inductor values between
4.7µH and 10µH. Ensure the inductor current rating is capable
of handling the current limit value in the configuration used
(2.4A for buck, 3.5A for boost). If an inductor core is chosen
with too low a current rating, saturation in the core will cause
the effective inductor value to fall, leading to an increase in
peak to average current level, poor efficiency and overheating
in the core.
FIGURE 33. EXTERNAL OVP CIRCUIT
COUT
20µF
R1
100
VIN
FB
SWS1 SWS2
SWD1
SWD2
VBAT FAULT
ISL97801
VBAT
ZOVP
VOUT
L1
10µH
0.5
RSENSE
EL7801
GND
VIN
TEMP
Thermistor
Close to
LED's
VDC
LDO
CREG
0.47uF
RM1
20k
RT
10K
+
-
Temp
Compensation
RM2
80k
TMAX
FB Level Adjust
Current
FIGURE 34. OVER-TEMPERATURE CIRCUIT
ICAPRMS
IOUT
DD
2

=
(EQ. 3)


Numéro de pièce similaire - ISL97801

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL97801 INTERSIL-ISL97801 Datasheet
705Kb / 19P
   High Power LED Driver
ISL97801ARZ INTERSIL-ISL97801ARZ Datasheet
705Kb / 19P
   High Power LED Driver
ISL97801ARZ-T INTERSIL-ISL97801ARZ-T Datasheet
705Kb / 19P
   High Power LED Driver
ISL97801ARZ-TK INTERSIL-ISL97801ARZ-TK Datasheet
705Kb / 19P
   High Power LED Driver
More results

Description similaire - ISL97801

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
713Kb / 19P
   High Power LED Driver
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com