Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL97701 Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce ISL97701
Description  Boost Regulator with Integrated Schottky and Input Disconnect Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97701 Fiches technique(HTML) 3 Page - Renesas Technology Corp

  ISL97701 Datasheet HTML 1Page - Renesas Technology Corp ISL97701 Datasheet HTML 2Page - Renesas Technology Corp ISL97701 Datasheet HTML 3Page - Renesas Technology Corp ISL97701 Datasheet HTML 4Page - Renesas Technology Corp ISL97701 Datasheet HTML 5Page - Renesas Technology Corp ISL97701 Datasheet HTML 6Page - Renesas Technology Corp ISL97701 Datasheet HTML 7Page - Renesas Technology Corp ISL97701 Datasheet HTML 8Page - Renesas Technology Corp ISL97701 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ISL97701
FN6474 Rev 1.00
Page 3 of 11
February 22, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
VOUT to GND. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 31V
LX to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VOUT + 1V
VDDOUT, NSYNC, FB, NEN
to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD + 0.3V
Continuous Current in VDD, GND, VDDOUT, LX . . . . . . . . . 650mA
Continuous Current in NSYNC, FB, NEN . . . . . . . . . . . . . . . . 10mA
Thermal Resistance (Typical, Notes 1, 2)
JA (°C/W) JC (°C/W)
10 Ld 3x3 DFN Package . . . . . . . . . . .
48
7
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature (TA) . . . . . . . . . . . .-40°C to +85°C
Operating Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . +125°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +130°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VDD = 3.6V, GND = NEN = 0V, NSYNC = VDD, R1 = 390k, R2 = 39k, L = 10µH, TA = -40°C to +85°C unless
otherwise stated.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
SUPPLY
VDD
Supply Operating Voltage Range
2.3
5.5
V
IDIS
Supply Current when Disabled
NEN = VDD
0.1
3
µA
LOGIC INPUTS – NEN, NSYNC
RUP
Pull-up Resistor
Enabled, Input at GND
150
250
350
k
IIL
Leakage Current when Disabled
Disabled, Input at GND
-1
1
µA
VHI
Logic High Threshold
1.8
V
VLO
Logic Low Threshold
0.7
V
POWER-ON RESET – VDD
VRES_ON
Power-On Reset Threshold
VDD rising
2.2
2.3
V
VRES_OFF
Power-Off Threshold
VDD falling
1.9
2
V
LX OUTPUT DRIVER
fOSC
LX Switching Frequency with Internal
Oscillator
0.9
1
1.1
MHz
fSYNC
LX Switching Frequency when
Externally Synchronized at NSYNC
f
(NSYNC)
tON-MIN
Minimum On-Time
FB = 0V, I(LX) > Ilim(LX)
60
ns
tOFF-MIN
Minimum Off-time
(
 Maximum Duty Cycle)
FB = 0V, I(LX) < Ilim(LX)
60
ns
rON
LX ON-Resistance
I(LX) = 100mA
0.4
ILEAK
LX Leakage Current
NEN = VDD, V(LX) = 30V
1
5
µA
IPEAK
LX Peak Current Limit
t > 8.32ms (end of soft-start)
1200
mA
SCHOTTKY DIODE – LX, VOUT
VDIODE
Forward Voltage from LX to VOUT
I = 10mA, TA = +25°C
0.4
0.5
0.6
V
I = 10mA, TA = -40°C to +85°C
0.3
0.5
0.7
V


Numéro de pièce similaire - ISL97701

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
ISL97701 INTERSIL-ISL97701 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL97701IRZ INTERSIL-ISL97701IRZ Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
ISL97701IRZ-T13 INTERSIL-ISL97701IRZ-T13 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
ISL97701IRZ-T7 INTERSIL-ISL97701IRZ-T7 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
More results

Description similaire - ISL97701

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL97701 INTERSIL-ISL97701 Datasheet
189Kb / 10P
   Boost Regulator with Integrated Schottky and Input Disconnect Switch
logo
Micrel Semiconductor
MIC2605 MICREL-MIC2605 Datasheet
308Kb / 13P
   0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
MIC2605 MICREL-MIC2605_09 Datasheet
380Kb / 14P
   0.5A, 1.2MHz / 2MHz Wide Input Range Boost Regulator with Integrated Switch and Schottky Diode
logo
Monolithic Power System...
MP3212 MPS-MP3212 Datasheet
563Kb / 11P
   1.3A, 1MHz Step-up Regulator with Integrated Input Disconnect Switch
logo
Renesas Technology Corp
ISL78219 RENESAS-ISL78219 Datasheet
796Kb / 15P
   Automotive Boost Regulator with 4A Integrated Switch
logo
Linear Technology
LT3464 LINER-LT3464 Datasheet
260Kb / 16P
   Micropower Boost Converter with Integrated Schottky and Output Disconnect in ThinSOT
logo
Fairchild Semiconductor
FAN5336 FAIRCHILD-FAN5336_07 Datasheet
645Kb / 10P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
FAN5336 FAIRCHILD-FAN5336 Datasheet
697Kb / 9P
   1.5MHz Boost Regulator with 33V Integrated FET Switch
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Intersil Corporation
ISL97631 INTERSIL-ISL97631 Datasheet
331Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com