Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL97686 Fiches technique(PDF) 16 Page - Renesas Technology Corp

No de pièce ISL97686
Description  4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97686 Fiches technique(HTML) 16 Page - Renesas Technology Corp

Back Button ISL97686 Datasheet HTML 12Page - Renesas Technology Corp ISL97686 Datasheet HTML 13Page - Renesas Technology Corp ISL97686 Datasheet HTML 14Page - Renesas Technology Corp ISL97686 Datasheet HTML 15Page - Renesas Technology Corp ISL97686 Datasheet HTML 16Page - Renesas Technology Corp ISL97686 Datasheet HTML 17Page - Renesas Technology Corp ISL97686 Datasheet HTML 18Page - Renesas Technology Corp ISL97686 Datasheet HTML 19Page - Renesas Technology Corp ISL97686 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ISL97686
FN7953 Rev.1.00
Page 16 of 22
Sep 19, 2017
PCB Layout Considerations
Two Layers PCB Layout with TQFN Package
Great care is needed in designing a PC board for stable ISL97686
operation. As shown in the typical application diagram (Figure 1,
page 1), the separation of PGND and AGND of each ISL97686 is
essential, keeping the AGND referenced only local to the chip.
This minimizes switching noise injection to the feedback sensing
and analog areas, as well as eliminating DC errors form high
current flow in resistive PC board traces. PGND and AGND should
be on the top and bottom layers respectively in the two layer PCB.
A star ground connection should be formed by connecting the
LED ground return and AGND pins to the thermal pad with 9-12
vias. The ground connection should be into this ground net, on
the top plane. The bottom plane then forms a quiet analog
ground area, that both shields components on the top plane, as
well as providing easy access to all sensitive components. For
example, the ground side of the ISET1/2 resistors can be
dropped to the bottom plane, providing a very low impedance
path back to the AGND pin, which does not have any circulating
high currents to interfere with it. The bottom plane can also be
used as a thermal ground, so the AGND area should be sized
sufficiently large to dissipate the required power. For multi-layer
boards, the AGND plane can be the second layer. This provides
easy access to the AGND net, but allows a larger thermal ground
and main ground supply to come up through the thermal vias
from a lower plane.
This type of layout is particularly important for this type of
product, as the ISL97686 has a high power boost, resulting in
high current flow in the main loop’s traces. Careful attention
should be focussed on the below layout details:
1. Boost input capacitors, output capacitors, inductor and
Schottky diode should be placed together in a nice tight
layout. Keeping the grounds of the input, output, ISL97686
and the current sense resistor connected with a low
impedance and wide metal is very important to keep these
nodes closely coupled.
2. Figure 23 shows important traces of current sensor (RS) and
OVP resistors (RU, RL). The current sensor track line should be
short, so that it remains as close as possible to the Current
Sense (CS) pin. Additionally, the CS pin is referenced from the
adjacent PGND pin. It is extremely important that this PGND
pin is placed with a good reference to the bottom of the sense
resistor. In Figure 22 you can see that this ground pin is not
connected to the thermal pad, but instead used to effectively
sense the voltage at the bottom of the current sense resistor.
However, this pin also takes the gate driver current, so it must
still have a wide connection and a good connection back from
the sense resistor to the star ground. Also, the RC filter on CS
should be placed referenced to this PGND pin and be close to
the chip.
3. If possible, try to maintain central ground node on the board
and use the input capacitors to avoid excessive input ripple for
high output current supplies. The filtering capacitors should
be placed close by the VIN pin.
4. For optimum load regulation and true VOUT sensing, the OVP
resistors should be connected independently to the top of the
output capacitors and away from the higher dv/dt traces. The
OVP connection then needs to be as short as possible to the
pin. The AGND connection of the lower OVP components is
critical for good regulation. At 70V output, a 100mV change
at VOUT translates to a 1.7mV change at OVP, so a small
ground error due to high current flow, if referenced to PGND,
can be disastrous.
5. The bypass capacitors connected to VDC and VLOGIC need to
be as close to the pin as possible, and again should be
referenced to AGND. This is also true for the COMP network and
the rest of the analog components (on ISEDT1/2, FPWM, etc.).
6. The heat of the chip is mainly dissipated through the exposed
thermal pad so maximizing the copper area around it is a
good idea. A solid ground is always helpful for the thermal
and EMI performance.
7. The inductor and input and output capacitors should be
mounted as tight as possible, to reduce the audible noise and
inductive ringing.
General Power PAD Design Considerations
Figure 22 shows an example of how to use vias to remove heat
from the IC. We recommend you fill the thermal pad area with
vias. A typical via array would be to fill the thermal pad foot print
with vias spaced such that the centre to centre spacing is three
times the radius of the via. Keep the vias small, but not so small
that their inside diameter prevents solder wicking through the
holes during reflow.
One Layer PCB Layout with SOIC Package
The general rules of two layer PCB layout can be applied to the
one layer PCB layout of the SOIC package, although this layout is
much more challenging and very easy to get wrong. The noisy
PGND of the switching FET area and quiet AGND must be placed
on the same plane as shown in Figure 24, therefore, great care
must be taken to maintain stable and clean operation, due to
increased risk of noise injection to the quiet area.
1. The GND plane should be extended as far as possible as
space allows to spread out heat dissipation.
2. All ground pads for input caps, current sensor, output caps
should be close to the PGND pin adjacent to the CS pin of
ISL97686 with wide metal connection shown in Figure 23.
This guarantees a low differential voltage between these
critical points.
3. The connection point between AGND pin 14 and PGND pin 18
should be “ Narrow” neck, effectively making a star ground at
the AGND pin.
FIGURE 22. ISL97686 TQFN PCB VIA PATTERN


Numéro de pièce similaire - ISL97686

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IBZ INTERSIL-ISL97686IBZ Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IBZ INTERSIL-ISL97686IBZ Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IBZ-EVAL1Z INTERSIL-ISL97686IBZ-EVAL1Z Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
More results

Description similaire - ISL97686

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
ISL97686IRTZ INTERSIL-ISL97686IRTZ Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Kinetic Technologies.
KTD2686 KINETIC-KTD2686 Datasheet
101Kb / 2P
   Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2682 KINETIC-KTD2682 Datasheet
105Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2684 KINETIC-KTD2684 Datasheet
105Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2688 KINETIC-KTD2688 Datasheet
109Kb / 2P
   Two-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
KTD2683B KINETIC-KTD2683B Datasheet
106Kb / 2P
   Three-Channel Flash LED Driver with Independent Current Control
August 2020 - Revision 04b
logo
Intersil Corporation
ISL97687 INTERSIL-ISL97687 Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL97687IRTZ INTERSIL-ISL97687IRTZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
ISL97687IBZ INTERSIL-ISL97687IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com