Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL97678 Fiches technique(PDF) 11 Page - Renesas Technology Corp

No de pièce ISL97678
Description  8-Channel 45V, 50mA LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97678 Fiches technique(HTML) 11 Page - Renesas Technology Corp

Back Button ISL97678 Datasheet HTML 7Page - Renesas Technology Corp ISL97678 Datasheet HTML 8Page - Renesas Technology Corp ISL97678 Datasheet HTML 9Page - Renesas Technology Corp ISL97678 Datasheet HTML 10Page - Renesas Technology Corp ISL97678 Datasheet HTML 11Page - Renesas Technology Corp ISL97678 Datasheet HTML 12Page - Renesas Technology Corp ISL97678 Datasheet HTML 13Page - Renesas Technology Corp ISL97678 Datasheet HTML 14Page - Renesas Technology Corp ISL97678 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ISL97678
FN6998 Rev.3.00
Page 11 of 17
Sep 8, 2017
Theory of Operation
PWM Boost Converter
The current mode PWM boost converter produces the minimal
voltage needed to enable the LED string with the highest forward
voltage drop to run at the programmed current. The ISL97678
employs current mode control boost architecture, which has a
fast current sense loop and a slow voltage feedback loop. This
architecture achieves a fast transient response that is essential
for notebook backlight applications in which the power can be
several Li-ion cell batteries that instantly change to an AC/DC
adapter without rendering a noticeable visual nuisance. The
number of LEDs that can be driven by the ISL97678 depends on
the type of LED chosen in the application. The ISL97678 is
capable of boosting up to 45V and drive eight channels of LEDs
at a maximum of 45mA per channel.
Current Matching and Current Accuracy
Each channel of the LED current is regulated by the current
source circuit, as shown in Figure 26.
The LED peak current is set by translating the RSET current to the
output with a scaling factor of 707.9/RSET. The sink terminals of
the current source MOSFETs are designed to operate within a
range at about 500mV to optimize power loss versus accuracy
requirements. The sources of errors of the channel-to-channel
current matching come from the op amps offset, internal layout,
reference, and current source resistors. These parameters are
optimized for current matching and absolute current accuracy.
However, the absolute accuracy is additionally determined by the
external RSET. A 0.1% tolerance resistor is recommended.
.
Dynamic Headroom Control
The ISL97678 features a proprietary Dynamic Headroom Control
circuit that detects the highest forward voltage string or
effectively the lowest voltage from any of the CH pins. When this
lowest IIN voltage is lower than the short circuit threshold, VSC,
such voltage will be used as the feedback signal for the boost
regulator. The boost makes the output to the correct level such
that the lowest CH pin is at the target headroom voltage.
Because all LED strings are connected to the same output
voltage, the other CH pins will have a higher voltage, but the
regulated current source circuit on each channel ensures that
each channel has the same programmed current. The output
voltage regulates cycle-by-cycle and is always referenced to the
highest forward voltage string in the architecture.
OVP and VOUT Requirement
The Overvoltage Protection (OVP) pin sets the overvoltage trip
level and limits the VOUT regulation range.
The ISL97678 OVP threshold is set by RUPPER and RLOWER as
shown in Equation 1:
VOUT can regulate only between 64% and 100% of the VOUT_OVP
such that:
Allowable VOUT = 64% to 100% of VOUT_OVP
For example, if 10 LEDs are used with the worst case VOUT of
35V. If RUPPER and RLOWER are chosen such that the OVP level is
set at 40V, then the VOUT is allowed to operate between 25.6V
and 40V. If the requirement is changed to a 6 LEDs 21V VOUT
application, then the OVP level must be reduced and users
should follow VOUT = (64% ~100%) OVP requirement. Otherwise,
the headroom control will be disturbed such that the channel
voltage can be much higher than expected and sometimes it can
prevent the driver from operating properly.
The ratio of the OVP capacitors should be the inverse of the OVP
resistors. For example, if RUPPER/RLOWER = 33/1, then
CUPPER/CLOWER = 1/33 with CUPPER = 100pF and
CLOWER =3.3nF.
Dimming Controls
The ISL97678 provides two ways of controlling the LED current,
and therefore the brightness. They are:
1. DC current adjustment
2. PWM chopping of the LED current defined in Step 1.
There are various ways to achieve DC or PWM current control,
which will be described in the following.
In any dimming controls, the EN pin must be high. EN is a high
voltage pin that can be applied with a digital signal or tied
directly to VIN for enable function.
MAXIMUM DC CURRENT SETTING
The initial brightness should be set by choosing an appropriate
value for RSET. This should be chosen to fix the maximum
possible LED current:
Alternatively, the RSET can be replaced by a digital potentiometer
for adjustable current.
FIGURE 26. SIMPLIFIED CURRENT SOURCE CIRCUIT
REF
+
-
+
-
PWM DIMMING
RSET
+
REF
-
+
-
RSET
-
VOUT_OVP
1.21V
RUPPER RLOWER
+
 R
LOWER
=
(EQ. 1)
ILEDmax
707.9
RSET
---------------
=
(EQ. 2)


Numéro de pièce similaire - ISL97678

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL97678 INTERSIL-ISL97678 Datasheet
927Kb / 18P
   8-Channel 45V 50mA LED Driver
ISL97678 INTERSIL-ISL97678 Datasheet
1Mb / 16P
   8-Channel 45V, 50mA LED Driver
May 6, 2014
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
ISL976787IBZ INTERSIL-ISL976787IBZ Datasheet
1Mb / 24P
   4-Channel LED Driver with Phase Shift Control and 10-Bit Dimming Resolution
November 13, 2013
More results

Description similaire - ISL97678

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL97678IRZ INTERSIL-ISL97678IRZ Datasheet
1Mb / 16P
   8-Channel 45V, 50mA LED Driver
May 6, 2014
ISL97678 INTERSIL-ISL97678 Datasheet
927Kb / 18P
   8-Channel 45V 50mA LED Driver
logo
Linear Technology
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
   16-Channel 50mA LED Driver
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
   16-Channel 횞 50mA LED Driver
logo
ams AG
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113 Datasheet
921Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
   16-Channel 50mA LED Driver with Buck Controller
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
   8-Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com